Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 113 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 113 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 109Page - PMC-Sierra, Inc PM73121 Datasheet HTML 110Page - PMC-Sierra, Inc PM73121 Datasheet HTML 111Page - PMC-Sierra, Inc PM73121 Datasheet HTML 112Page - PMC-Sierra, Inc PM73121 Datasheet HTML 113Page - PMC-Sierra, Inc PM73121 Datasheet HTML 114Page - PMC-Sierra, Inc PM73121 Datasheet HTML 115Page - PMC-Sierra, Inc PM73121 Datasheet HTML 116Page - PMC-Sierra, Inc PM73121 Datasheet HTML 117Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

In E1 mode, data is driven on the lower four bits of each timeslot as shown in Table 16 on
page 94. Signaling data is driven on the TL_SIG pin for all frames of each multiframe. The
AAL1gator II treats all 32 timeslots the same. Although E1 data streams contain 30 timeslots of
channel data and 2 timeslots of control, data and signaling for all 32 timeslots are stored in mem-
ory.
In UDF-HS mode there is no structure and the data is driven using TL_CLK(0) as shown in
Figure 62.
Figure 60.
Receive Side T1 Interface Frame Timing
Figure 61.
Receive Side E1 Interface Timing
Figure 62.
Receive Side High-Speed Interface Timing
Symbol
Parameter
Signals
Min
Max
Unit
Fc
Clock frequency
TL_CLK(0)
45
MHz
Tcp
Clock pulse width
TL_CLK(0)
45
55
%
Tq
Clock-to-output delay
TL_SER(0)
2
13
ns
CHAN 24, FRAME 24
CHAN 24, FRAME 24
CHAN 1, FRAME 1
CHAN 1, FRAME 1
CD
C
D
AB
A
B
C
D
F
2
34
5
6
78
8
7
6
5
12
3
4
78
1
TL_CLK(i)
TL_FSYNC(i)
TL_MSYNC(i)
TL_SER(o)
TL_SIG(o)
CHAN 1, FRAME 0
CHAN 1, FRAME 0
CHAN 0, FRAME 0
CHAN 0, FRAME 0
78
2
3
4
5
6
7
8
2
3
4
5
6
7
8
11
1
C
D
A
B
CD
A
B
CDA
TL_CLK
TL_FSYNC
TL_MSYNC
TL_SER
TL_SIG
Tcp
Fc
Fc
Tcp
Tcp
Tcp
Tq
TL_CLK(i)
TL_SER(o)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com