Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 126 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 126 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 122Page - PMC-Sierra, Inc PM73121 Datasheet HTML 123Page - PMC-Sierra, Inc PM73121 Datasheet HTML 124Page - PMC-Sierra, Inc PM73121 Datasheet HTML 125Page - PMC-Sierra, Inc PM73121 Datasheet HTML 126Page - PMC-Sierra, Inc PM73121 Datasheet HTML 127Page - PMC-Sierra, Inc PM73121 Datasheet HTML 128Page - PMC-Sierra, Inc PM73121 Datasheet HTML 129Page - PMC-Sierra, Inc PM73121 Datasheet HTML 130Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

To eliminate conflicts for this access sequence, a recovery cycle is inserted between the micropro-
cessor access and any subsequent access. /PROC_ACK is driven until /PROC_CS is deactivated.
/SP_DATA_EN is driven until either /PROC_CS or /PROC_OE are deactivated.
Cycles (1) and (2) are grouped together in Figure 72 for the sake of convenience. These are nor-
mally two separate clock cycles.
NOTE: The timing characteristics (indicated by asterisks in the table following Figure 72)
are based on external component requirements.
Figure 72.
Microprocessor RAM Read Cycle Timing
Symbol
Parameter
Signals
Min
Max
Unit
Taa
(Refer to
NOTE below)
Acknowledge assertion after
/PROC_CS or /PROC_RD;
whichever comes last
/PROC_ACK
5
29
SYS_CLK
periods
Tzen
Time from z state to enable
MEM_DATA, /MEM_OE
1**
ns
Tzen
Tq
Taed
Tded
Tded
Tcea
Taa
Tq
Tqmoe
Tq
Tdh
Tasu
Tq
Tah
Tcaen
Tzsu
Tdsu
Tasu17
PROC RD CYCLE
RECOVERY CYCLE NON-PROC CYCLE
NON_PROC WR CYCLE
1, 2
3
4
5
6
SYS_CLK
PROC_ADD
PROC_DATA
/PROC_CS(i)
/PROC_RD(i)i)
ADDR17(i)
/PROC_ACK(o)
/SP_DATA_EN(o)
/SP_ADD_EN(o)
SP_DATA_DIR(o)
SP_DATA_CLK(o)
MEM_ADDR(i)
MEM_DATA(IO)
/MEM_CS(o)
/MEM_OE(o)
/MEM_WE(o)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com