Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 127 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 127 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 123Page - PMC-Sierra, Inc PM73121 Datasheet HTML 124Page - PMC-Sierra, Inc PM73121 Datasheet HTML 125Page - PMC-Sierra, Inc PM73121 Datasheet HTML 126Page - PMC-Sierra, Inc PM73121 Datasheet HTML 127Page - PMC-Sierra, Inc PM73121 Datasheet HTML 128Page - PMC-Sierra, Inc PM73121 Datasheet HTML 129Page - PMC-Sierra, Inc PM73121 Datasheet HTML 130Page - PMC-Sierra, Inc PM73121 Datasheet HTML 131Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

NOTE: Taa is dependent on the HOLDOFF signal. If HOLDOFF is not asserted when the
access begins, Taa will be a maximum of six SYS_CLK periods. If the access occurs
immediately after another access, then Taa will be 24 to 30 SYS_CLK periods. Refer
to section 6.5.3 “Microprocessor Holdoff Timing” on page 116 for a description of
the HOLDOFF activity.
6.5.2.3
Microprocessor Write Command Register Timing
Figure 73 on page 112 shows the write command register timing. Writing to the internal com-
mand register is not honored if higher priority internal functions request the memory, or if the
holdoff from a previous microprocessor transfer has not expired.
/PROC_CS and /PROC_WR are double sampled (1 and 2) at the rising edge of SYS_CLK, and at
(3) ADDR17 is sampled to distinguish between a command register write and a RAM write.
As long as HOLDOFF is not high, /SP_ADD_EN, /SP_DATA_EN, and SP_DATA_DIR are acti-
vated at the next clock cycle (3), allowing the microprocessor address and data to pass through the
address and data buffer to the AAL1gator II. The /SP_ADD_EN and the /SP_DATA_EN signals
are delayed to minimize bus conflicts when the microprocessor access follows an
Tq
Clock-to-output delay
SP_DATA_CLK,/MEM_OE
(deactivate)
215
ns
Tq
Clock-to-output delay
/MEM_CS
2
18
ns
Tqmoe
Clock-to-output delay for activation
of /MEM_OE
MEM_OE (activate)
2
25
ns
Tasu17
Address setup to SYS_CLK
ADDR17
2
ns
Taed
Address enable delay
/SP_ADD_EN
5
20
ns
Tasu
Address setup to SP_DATA_CLK*
MEM_ADDR, SP_DATA_CLK
26
ns
Tded
Data enable delay from /PROC_CS
and /PROC_RD
/SP_DATA_EN, /PROC_CS,
/PROC_RD
2**
15**
ns
Tcea
/PROC_CS deassertion to /PROC_
ACK deassertion
/PROC_ACK
2
15
ns
Tdsu
Data setup to SP_DATA_CLK*
MEM_DATA
11
ns
Tdh
Data hold from SP_DATA_CLK*
MEM_DATA, SP_DATA_CLK
3
ns
Tcaen
SP_DATA_CLK high to
/SP_ADD_EN high
SP_DATA_CLK, /SP_ADD_EN
0
ns
Tah
MEM_ADDR hold time from SP_
DATA_CLK*
MEM_ADD, SP_DATA_CLK
1
ns
Tzsu
Z state setup-to-clock
MEM_ADDR
3**
ns
* These parameters are dependent on external components and assume that the requirements from Table 26 on page 195 are
met.
** These parameters are typical only.
Symbol
Parameter
Signals
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com