Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 124 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 124 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 120Page - PMC-Sierra, Inc PM73121 Datasheet HTML 121Page - PMC-Sierra, Inc PM73121 Datasheet HTML 122Page - PMC-Sierra, Inc PM73121 Datasheet HTML 123Page - PMC-Sierra, Inc PM73121 Datasheet HTML 124Page - PMC-Sierra, Inc PM73121 Datasheet HTML 125Page - PMC-Sierra, Inc PM73121 Datasheet HTML 126Page - PMC-Sierra, Inc PM73121 Datasheet HTML 127Page - PMC-Sierra, Inc PM73121 Datasheet HTML 128Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Figure 71.
Microprocessor RAM Write Cycle Timing
Symbol
Parameter
Signals
Min
Max
Unit
Taa
(See note
below)
Acknowledge assertion after /PROC_
CS or /PROC_WR; whichever comes
last
/PROC_ACK
5
29
SYS_CLK
periods
Tasu
Address setup to write pulse*
MEM_ADDR, /MEM_WE
10
ns
Tcea
/PROC_CS deassertion to /PROC_ACK
deassertion
/PROC_ACK
2
15
ns
Twd
Write pulse delay
/MEM_WE
8
25
ns
Tdsu
Data setup to write pulse off*
MEM_DATA
15
ns
Tded
Data enable delay
/SP_DATA_EN
7
25
ns
Taed
Address enable delay
/SP_ADD_EN
5
20
ns
Tq
Clock-to-output delay
SP_DATA_DIR
2
15
ns
Tddh
Taed
Taed
Tded
Tded
Tcea
Taa
Tq
Twd
Tdsu
Twd
Tasu
Tah
Tdh
Tasu17
NON_PROC READ CYCLE
PROC WRITE CYCLE
RECOVERY CYCLE
NON_PROC CYCLE
3
4
5
1, 2
SYS_CLK
PROC_ADD
PROC_DATA
/PROC_CS(i)
/PROC_WR(i)
ADDR17(i)
MEM_ADDR(i)
MEM_DATA(io)
/MEM_CS(o)
/MEM_WE(o)
/MEM_OE(o)
/PROC_ACK(i)
/SP_DATA_EN(o)
/SP_ADD_EN(o)
SP_DATA_DIR(o)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com