Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 188 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 188 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 184Page - PMC-Sierra, Inc PM73121 Datasheet HTML 185Page - PMC-Sierra, Inc PM73121 Datasheet HTML 186Page - PMC-Sierra, Inc PM73121 Datasheet HTML 187Page - PMC-Sierra, Inc PM73121 Datasheet HTML 188Page - PMC-Sierra, Inc PM73121 Datasheet HTML 189Page - PMC-Sierra, Inc PM73121 Datasheet HTML 190Page - PMC-Sierra, Inc PM73121 Datasheet HTML 191Page - PMC-Sierra, Inc PM73121 Datasheet HTML 192Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

8.4
External FIFO Application
Figure 89 shows how to connect the AAL1gator II to two 9-bit Integrated Device Technology
SyncFIFOs™. On the RATM interface, a D-type flip-flop is required on the /RATM_EMPTY
signal since the SyncFIFO /EF signal does not conform to UTOPIA timing. On the TATM
interface, the SyncFIFO must be able to accept four more data bytes after it asserts the /TATM_
FULL signal. This is accomplished by using the SyncFIFO /PAF flag and its full-7 bytes default
offset.
Figure 89. Typical External FIFO Application
/PAF
TATM_DATA(7:0)
TATM_CLK
/TATM_EN
/TATM_FULL
TATM_SOC
D(8:0)
WCLK
/WEN1
/PAF
9
8
Q(8:0)
RCLK
/REN1
/EF
External
Transmit
FIFO
RATM_DATA(7:0)
RATM_CLK
/RATM_EN
/RATM_EMPTY
RATM_SOC
Q(8:0)
RCLK
/REN1
/EF
9
8
D(8:0)
WCLK
/WEN1
External
Receive
FIFO
/OE
AAL1gator II
(PM73121)
RATM_CLK_Source
TATM_CLK_Source
Q
D
CLK
(IDT SyncFIFO*)
(IDT SyncFIFO*)
9
8
*NOTE: Manufacturer’s data sheets are subject to change.
Please confirm specifications before using this part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com