Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 191 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 191 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 187Page - PMC-Sierra, Inc PM73121 Datasheet HTML 188Page - PMC-Sierra, Inc PM73121 Datasheet HTML 189Page - PMC-Sierra, Inc PM73121 Datasheet HTML 190Page - PMC-Sierra, Inc PM73121 Datasheet HTML 191Page - PMC-Sierra, Inc PM73121 Datasheet HTML 192Page - PMC-Sierra, Inc PM73121 Datasheet HTML 193Page - PMC-Sierra, Inc PM73121 Datasheet HTML 194Page - PMC-Sierra, Inc PM73121 Datasheet HTML 195Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

8.6
Board Requirements for the SRAM Interface
The AAL1gator II can use industry-standard asynchronous SRAMs for its external memory. The
AAL1gator II provides control signals that control all data accesses to the SRAM. Figure 91 is an
example of how the SRAM should be incorporated into the AAL1gator II system design.
Table 26 on page 195 lists the recommended worst-case parameters for each component. Parts
must meet these requirements to run this interface at full speed.
SRAMs must be 12 ns or faster and must have a write data setup of 7 ns or faster to operate
at the maximum system clock rate.
Figure 91. Suggested AAL1gator II Memory Interface
17
AAL1gator II
(PM73121)
(2) 128K
× 8
SRAMs
Octal Buffers with
Tristate Outputs
(FCT244)
Octal Bus
Transceivers and
Registers
(FCT646)
Microprocessor
16
MEM_ADDR(0:16)
/MEM_WE(0)
17
/MEM_WE(1)
/MEM_CS
/MEM_OE
DIR
G
CAB
SBA
CBA
SP_DATA_CLK
SP_DATA_DIR
/SP_DATA_EN
/SP_ADD_EN
SYS_CLK
A(0:16)
/WE(0)
/WE(1)
/CS
/OE
PROC_DATA (0:15)
PROC_ADD (0:16)
MEM_DATA(0:15)
16
D(0:15)
SAB
PROC_ADD (17)
G
B(0:15)
A(0:15)
Y(0:16)
16
A(0:16)
NOTES:
Series terminating resistors are 33
Ω to 100 Ω. See this application note for requirements for /MEM_WE resistors.
*Manufacturer’s data sheets are subject to change. Please confirm specifications before using this part.
Vcc
Gnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com