Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 190 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 190 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 186Page - PMC-Sierra, Inc PM73121 Datasheet HTML 187Page - PMC-Sierra, Inc PM73121 Datasheet HTML 188Page - PMC-Sierra, Inc PM73121 Datasheet HTML 189Page - PMC-Sierra, Inc PM73121 Datasheet HTML 190Page - PMC-Sierra, Inc PM73121 Datasheet HTML 191Page - PMC-Sierra, Inc PM73121 Datasheet HTML 192Page - PMC-Sierra, Inc PM73121 Datasheet HTML 193Page - PMC-Sierra, Inc PM73121 Datasheet HTML 194Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

Figure 90. SRTS-Based Clock Recovery Circuitry
38.88 MHz
SRTS
TL_CLK
TL_CLK_SRC
(1.544 MHz)
TL_CLK_SRC = 38.88
× (193 + SRTS) ÷ (26 × 35 + 25 × (158 + SRTS)) = 1.544 if SRTS = 0
T1 Frequency Generation
TL_CLK_SRC
(2.048 MHz)
TL_CLK_SRC = 38.88
× (64 - SRTS) ÷ (18 + 19 × (63 - SRTS)) = 2.048 if SRTS = 0
E1 Frequency Generation
OR
AAL1gator II
(PM73121)
Clock
Generation
Logic
Clock
Smoother
LTX305A or
T7690
DIV_25 (158 + SRTS) Times
DIV_26 35 Times
DIV (193 + SRTS)
DIV_19 (63 - SRTS) Times
DIV_18 One Time
DIV (64 - SRTS)
DIV_19
or
DIV_18
DIV_25
or
DIV_26
Clock Generation Logic:
38.88 MHz
38.88 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com