Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 194 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 194 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 190Page - PMC-Sierra, Inc PM73121 Datasheet HTML 191Page - PMC-Sierra, Inc PM73121 Datasheet HTML 192Page - PMC-Sierra, Inc PM73121 Datasheet HTML 193Page - PMC-Sierra, Inc PM73121 Datasheet HTML 194Page - PMC-Sierra, Inc PM73121 Datasheet HTML 195Page - PMC-Sierra, Inc PM73121 Datasheet HTML 196Page - PMC-Sierra, Inc PM73121 Datasheet HTML 197Page - PMC-Sierra, Inc PM73121 Datasheet HTML 198Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

could be tightened, or a CMOS clock driver could be used. The rise/fall time of the clock should
be less than 1.5 ns.
8.6.2
SRAM with 7 ns Write Data Setup and a CMOS Clock
When using a CMOS clock, the rise and fall time of the clock needs to be taken into account to
determine what the pulse width will be at a TTL level. The benefit of using a CMOS clock is that
the pulse width will be wider at the TTL level then it will be at the CMOS level. Rise/fall times
for CMOS outputs are usually given from the 20% to the 80% level or across a 3 V range.
Dividing this number by 3 gives the approximate delay between the 1.5 V level and the 2.5 V
level. Since the delay occurs at both rising and falling edges, this value is doubled to give the
increase in setup time. The hold time is usually the critical factor with a CMOS clock driver.
For instance, if the rise/fall time is 3 ns, there will be a 1 ns delay from a transition at 1.5 V to the
transition at 2.5 V and, a 2 ns increase in setup time.
This time we will have 1 ns margin on setup and 0.5 ns margin on hold. The requirements to meet
are:
Tchmin - 4.3 + Rs ≥ 8.0 ns
Tp - Tchmax - Rs -10 ≥ 0.5 ns
A 2.5% duty cycle CMOS clock source at 38.88 MHz has a Tchmin of 12.2 ns and a Tchmax of
13.5 ns at 2.5 V.
A rise/fall time of 0.5 ns (from 20-80%) results in a gain of 0.33 ns at 1.5 V and would change
Tchmin to 12.53 ns.
A rise/fall time of 2 ns (from 20-80%) results in a gain of 1.33 ns at 1.5 V and would change
Tchmax to 14.83 ns.
Replacing Tchmin and Tchmax in the equations above gives:
Rs
≥ 8.0 + 4.3 -12.53 ≥ - 0.23 ns
Rs
≤ 25.7 - 14.83 - 10 - 0.5 ≤ 0.37 ns
Referring to Table 24 on page 175 shows that selecting a 33
Ω resistor would meet both
requirements. Note that the negative resistance value in the first equation indicates additional
margin. In this situation, the hold time is more critical and is dependent on the clock duty cycle.
Selecting a 5% clock would create a hold time problem unless either the required margin was
reduced or the maximum rise time was reduced.
In summary, one possible solution when using an SRAM with 7 ns setup is to use a 2.5% duty
cycle CMOS clock (with a minimum rise/fall time of 0.5 ns and a maximum rise/fall time of 2 ns)
and a 33
Ω series resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com