Electronic Components Datasheet Search
  English  ▼

X  

PM73121 Datasheet(PDF) 192 Page - PMC-Sierra, Inc

Part # PM73121
Description  AAL1 Segmentation And Reassembly Processor
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM73121 Datasheet(HTML) 192 Page - PMC-Sierra, Inc

Back Button PM73121 Datasheet HTML 188Page - PMC-Sierra, Inc PM73121 Datasheet HTML 189Page - PMC-Sierra, Inc PM73121 Datasheet HTML 190Page - PMC-Sierra, Inc PM73121 Datasheet HTML 191Page - PMC-Sierra, Inc PM73121 Datasheet HTML 192Page - PMC-Sierra, Inc PM73121 Datasheet HTML 193Page - PMC-Sierra, Inc PM73121 Datasheet HTML 194Page - PMC-Sierra, Inc PM73121 Datasheet HTML 195Page - PMC-Sierra, Inc PM73121 Datasheet HTML 196Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 223 page
background image
PMC-Sierra, Inc.
PM73121 AAL1gator II
PMC-980620
,VVXH
AAL1 SAR Processor
Data Sheet
QSPQSD@U6S`Ã6I9Ã8PIAD9@IUD6GÃUPÃQH8TD@SS6ÃDI8Ã6I9ÃAPSÃDUTÃ8VTUPH@ST¶ÃDIU@SI6GÃVT@

The following section details how to ensure the SRAM interface will work over all commercial
environmental conditions. Examples are also provided for a few different scenarios. The generic
equations are provided so other scenarios can be evaluated.
Due to its tight requirements, the write data setup and write data hold are the most critical
parameters for SRAM selection. Both of these parameters are derived from the high pulse width
of the SYS_CLK input.
The setup and hold times of the SRAM are based on:
•
The high time of SYS_CLK
•
The series termination resistor value for /MEM_WE
Adding a series resistor will increase the rise/fall time due to an increase in the RC constant.
Based on the slew rate output of the driver, the value of the resistor, and a 15 pF load, the delay at
1.5 V will be increased by the amount shown in Table 24.
Table 24. Delay Values for Different Resistors
Using a resistor value greater than 100
Ω is not recommended, since this will cause rise/fall times
that are too slow and will not match the board impedance close enough, which can cause
reflections.
The high pulse width of SYS_CLK, plus the delay through the resistor must ensure the rising edge
of /MEM_WE is slow enough to provide sufficient setup time, but fast enough to provide enough
hold time.
The generic equations for determining the SRAM setup and hold requirements are:
SRAM write setup = Tchmin - 4.3 + Rs
SRAM write data hold = Tp - Tchmax - Rs -10
where: Tch is the high pulse width of SYS_CLK at 1.5 V,
Tp is the clock period, and
Rs is the delay through the resistor.
Resistor (
Ω)
Delay (ns)
33
0.3
50
0.4
75
0.6
100
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com