Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 35 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 35 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 31Page - GENESYS LOGIC GL843 Datasheet HTML 32Page - GENESYS LOGIC GL843 Datasheet HTML 33Page - GENESYS LOGIC GL843 Datasheet HTML 34Page - GENESYS LOGIC GL843 Datasheet HTML 35Page - GENESYS LOGIC GL843 Datasheet HTML 36Page - GENESYS LOGIC GL843 Datasheet HTML 37Page - GENESYS LOGIC GL843 Datasheet HTML 38Page - GENESYS LOGIC GL843 Datasheet HTML 39Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 35
Offset 29h ……..……………………………………..………..….…..…….…. Default value = 8’h00
X
X
X
RAMADDR20 RAMADDR19 RAMADDR18 RAMADDR17 RAMADDR16
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RAMADDR[20:16] SDRAM start address (in word) to access data. The unit is 16 words.
Note: The real SDRAM address IRAM_A[24:0]={RAMADDR[20:0] appended
by 0000}.
Offset 2Ah ……..……..……………………………..……….…..….…..…….…. Default value = 8’h00
RAMADDR15 RAMADDR14 RAMADDR13 RAMADDR12 RAMADDR11 RAMADDR10
RAMADDR9 RAMADDR8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 RAMADDR[15:8] SDRAM start address (in word) to access data. The unit is 16 words.
Note: The real SDRAM address IRAM_A[24:0]={RAMADDR[20:0] appended
by 0000}.
Offset 2Bh ……..……..……………………………..….………..….…..…….…. Default value = 8’h00
RAMADDR7 RAMADDR6 RAMADDR5 RAMADDR4 RAMADDR3 RAMADDR2 RAMADDR1 RAMADDR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 RAMADDR[7:0] SDRAM start address (in word) to access data. The unit is 16 words.
Note: The real SDRAM address IRAM_A[24:0]={RAMADDR[20:0] appended
by 0000}.
Offset 2Ch ……..……..……………………………..….………..….…..…….…. Default value = 8’h00
X
X
DPISET13
DPISET12
DPISET11
DPISET10
DPISET9
DPISET8
X
X
R/W
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 DPISET[13:8]
Set resolution in dpi for average or deletion type.
A. average type : digital average function support 1/2,1/3,1/4,1/5,1/6,1/8,1/10,1/12,1/15.
a. 9600 dpi mode CCD:support 4800,3200,2400,1920,1600,1200,960,800,640 dpi.
b. 4800 dpi mode CCD:support 2400,1600,1200,960,800,480,400,320 dpi.
c. 2400 dpi mode CCD:support 1200,800,600,480,400,300,240,200,160 dpi.
d. 1200 dpi mode CCD:support 600,400,300,240,200,150,120,100,80 dpi.
e. 600 dpi mode CCD:support 300,200,150,120,100,75,60,50,40 dpi.
B. deletion type : 9600,4800,2400,1200 or 600dpi to 1 dpi setting decrement by
one dpi.
Note: It cannot be programmed to logic zero.
Offset 2Dh ……..……..……………………………..….………..….…..…….…. Default value = 8’h00
DPISET7
DPISET6
DPISET5
DPISET4
DPISET3
DPISET2
DPISET1
DPISET0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 DPISET[7:0]
Set resolution in dpi for average or deletion type.
A. average type : digital average function support 1/2,1/3,1/4,1/5,1/6,1/8,1/10,1/12,1/15.
a. 9600 dpi mode CCD:support 4800,3200,2400,1920,1600,1200,960,800,640 dpi.
b. 4800 dpi mode CCD:support 2400,1600,1200,960,800,480,400,320 dpi.
c. 2400 dpi mode CCD:support 1200,800,600,480,400,300,240,200,160 dpi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com