Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 40 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 40 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 36Page - GENESYS LOGIC GL843 Datasheet HTML 37Page - GENESYS LOGIC GL843 Datasheet HTML 38Page - GENESYS LOGIC GL843 Datasheet HTML 39Page - GENESYS LOGIC GL843 Datasheet HTML 40Page - GENESYS LOGIC GL843 Datasheet HTML 41Page - GENESYS LOGIC GL843 Datasheet HTML 42Page - GENESYS LOGIC GL843 Datasheet HTML 43Page - GENESYS LOGIC GL843 Datasheet HTML 44Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 40
Offset 41h
PWRBIT
BUFEMPTY
FEEDFSH
SCANFSH HOMESNR LAMPSTS
FEBUSY MOTORENB
R
R
R
R
R
R
R
R
7 PWRBIT
To indicate power status. If it is reset, the power had been turned off.
Power on initial process will set PWRBIT to 0. This bit will have the same value
as bit 4 of Reg06 except for it’s read only.
6 BUFEMPTY
0
The image buffer is not empty.
1
The image buffer is empty.
5 FEEDFSH
0
Motor feeding is not finished.
1
Motor feeding is finished.
4 SCANFSH
0
Scanning is not finished.
1
Scanning is finished.
3 HOMESNR
0
Home sensor is on (is not located in home position).
1
Home sensor is off (located in home position).
2 LAMPSTS
0
Lamp is off.
1
Llamp is on.
1 FEBUSY
0
Front end is ready for read/write operations.
1
Front end is busy and can not perform read/write operations.
0 MOTORENB
0
Motor is not operation.
1
Motor is operation.
Offset 42h ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
VALIDWORD
24
VALIDWORD
23
VALIDWORD
22
VALIDWORD
21
VALIDWORD
20
VALIDWORD
19
VALIDWORD
18
VALIDWORD
17
R
R
R
R
R
R
R
R
7-0 VALIDWORD
The available image data stored in SDRAM for host to read.
[24:17]
The unit is in two words.
Offset 43h ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
VALIDWORD
16
VALIDWORD
15
VALIDWORD
14
VALIDWORD
13
VALIDWORD
12
VALIDWORD
11
VALIDWORD
10
VALIDWORD
9
R
R
R
R
R
R
R
R
7-0 VALIDWORD
The available image data stored in SDRAM for host to read.
[16:9]
The unit is in two words.
Offset 44h ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
VALIDWORD
8
VALIDWORD
7
VALIDWORD
6
VALIDWORD
5
VALIDWORD
4
VALIDWORD
3
VALIDWORD
2
VALIDWORD
1
R
R
R
R
R
R
R
R
7-0 VALIDWORD
The available image data stored in SDRAM for host to read.
[8:1]
The unit is in two words.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com