Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 24 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 24 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 20Page - GENESYS LOGIC GL843 Datasheet HTML 21Page - GENESYS LOGIC GL843 Datasheet HTML 22Page - GENESYS LOGIC GL843 Datasheet HTML 23Page - GENESYS LOGIC GL843 Datasheet HTML 24Page - GENESYS LOGIC GL843 Datasheet HTML 25Page - GENESYS LOGIC GL843 Datasheet HTML 26Page - GENESYS LOGIC GL843 Datasheet HTML 27Page - GENESYS LOGIC GL843 Datasheet HTML 28Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 24
Line art scanning : 1 bit image with gamma correction
111
16 clocks/pixel.
Color scanning : 24 bits image with gamma correction
48 bits image without gamma correction
Gray scanning : 8 bits image with gamma correction
16 bits image without gamma correction
Line art scanning : 1 bit image with gamma correction
4 PWRBIT
The hardware will reset this bit during power-on initial process. It can be set and
checked by S/W to know if the power had been turned off or not.
Default is reset.
3 GAIN4
0
Digital shading gain=8 times system.
1
Digital shading gain=4 times system.
Note: If you want to get more precise image quality,you can set GAIN4 bit.
2-0 OPTEST[2:0]
Select ASIC operation type.
000
Set normal mode to capture AFE image.
001
Set SDRAM bank testing and power-on moving testing for ASIC simulation
010
Pixel count pattern for ASIC image test.
011
Line count pattern for ASIC image test.
100
Counter and adder test for ASIC simulation test.
101
Reserved.
110
Reserved.
111
Reserved.
Offset 07h ……………………………………………..…………..……..………. Default value = 8’h00
LAMPSIM
CCDCTL
DRAMCTL
MOVCTL
RAMSEL
FASTDMA
DMASEL
DMARDWR
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
LAMPSIM
for timer simulation
6
CCDCTL
for CCD timing control
5
DRAMCTL
for SRAM & DRAM access control
4
MOVCTL
for motor driver IC style control
3
SRAMSEL
0
DMA access for DRAM.
1
DMA access for SRA
2
FASTDMA
0
4clocks/access,that is to say 4clocks/16bits or 4clocks/8bits for
DMA access.
1
2clocks/access,that is to say 2clocks/16bits or 2clocks/8bits for
DMA access.
1
DMASEL
0
MPU access DRAM under command mode.
1
DMA access DRAM under command mode.
0
DMARDWR
0
DMA read DRAM under command mode.
Note: Please do not write other values than 00H into this register under normal condition.
Offset 08h ……………………………………………..…………..……..………. Default value = 8’h00
X
DECFLAG
GMMFFR
GMMFFG
GMMFFB
GMMZR
GMMZG
GMMZB
X
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 RESERVED
-
6 DECFLAG
0
Select gamma table in increment type
1
Select gamma table in decrement type.
5 GMMFFR
0
This function is not enabled
1
Gamma table address FFH of red channel is a special value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com