Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 61 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 61 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 57Page - GENESYS LOGIC GL843 Datasheet HTML 58Page - GENESYS LOGIC GL843 Datasheet HTML 59Page - GENESYS LOGIC GL843 Datasheet HTML 60Page - GENESYS LOGIC GL843 Datasheet HTML 61Page - GENESYS LOGIC GL843 Datasheet HTML 62Page - GENESYS LOGIC GL843 Datasheet HTML 63Page - GENESYS LOGIC GL843 Datasheet HTML 64Page - GENESYS LOGIC GL843 Datasheet HTML 65Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 61
Offset 9Eh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
X
SEL3INV TGSTIME2 TGSTIME1 TGSTIME0 TGWTIME2 TGWTIME1 TGWTIME0
X
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
RESERVED
-
6
SEL3INV
To invert SEL3 signals for NEC8884.
5-3
TGSTIME[2:0]
To set the times of TGSHLD[4:0] . So , the width
is TGSHLD[4:0]*
2
TGSTIME
2-0
TGWTIME[2:0]
To set
the times of TGW[5:0] . So, the width is TGW[5:0]* 2
TGWTIME
Offset 9Fh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
LCDCTL
LCMCTL
EPROMCTL
TGCTL
MPUCTL
MOTMPU
NEC8884
DPI960
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
LCDCTL
To control LCD timing when LCD function is enabled.
6
LCMCTL
To control LCD timing when LCM function is enabled.
5
EPROMCTL
To control LCD timing when EEPROM function is enabled.
4
TGCTL
To enable special CCD TG modes.
3
MPUCTL
To enable work styles when designer use internal RISC CPU.
2
MOTMPU
To select
motor trigger output to MPU. The MPU can process the trigger
signal.
Note: If designer set MOTMPU=1 then he must set ACDCDIS=1.
1
NEC8884
To enable NEC8884 SEL3 function.
0
DPI9600
To enable 9600d resolution.
Offset A0h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
X
X
LNOFSET5 LNOFSET4 LNOFSET3 LNOFSET2 LNOFSET1 LNOFSET0
X
X
R/W
R/W
R/W
R/W
R/W
R/W
7-6 RESERVED
-
5-0 LNOFSET[5:0] Line difference of R, G, B in packing three channels to one color line.
Offset A1h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
X
X
X
STGSET4
STGSET3
STGSET2
STGSET1
STGSET0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 STGSET[4:0]
Line difference of stagger CCD between even and odd lines in packing them to the
same color line.
Offset A2h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
X
X
X
RFHSET4
RFHSET3
RFHSET2
RFHSET1
RFHSET0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RFHSET[4:0]
Refresh time of SDRAM.
The unit is 2us.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com