Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 57 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 57 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 53Page - GENESYS LOGIC GL843 Datasheet HTML 54Page - GENESYS LOGIC GL843 Datasheet HTML 55Page - GENESYS LOGIC GL843 Datasheet HTML 56Page - GENESYS LOGIC GL843 Datasheet HTML 57Page - GENESYS LOGIC GL843 Datasheet HTML 58Page - GENESYS LOGIC GL843 Datasheet HTML 59Page - GENESYS LOGIC GL843 Datasheet HTML 60Page - GENESYS LOGIC GL843 Datasheet HTML 61Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 57
Offset 89h
RS232WD7 RS232WD6 RS232WD5 RS232WD4 RS232WD3 RS232WD2 RS232WD1 RS232WD0
-
-
-
-
-
-
-
-
7-0 RS232WD[7:0] This port is for designers to write data to RS232 interface.
Offset 8Ah
RS232RD7 RS232RD6 RS232RD5 RS232RD4 RS232RD3 RS232RD2 RS232RD1 RS232RD0
-
-
-
-
-
-
-
-
7-0 RS232RD[7:0]
This port is for designers to read data to RS232 interface.
Offset 8Bh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
ROMADDR7 ROMADDR6 ROMADDR5 ROMADDR4 ROMADDR3 ROMADDR2 ROMADDR1 ROMADDR0
-
-
-
-
-
-
-
-
7-0 ROMADDR[7:0]
This port is for designers to write address and commands to 93C46.
Offset 8Ch
ROMWD15 ROMWD14 ROMWD13 ROMWD12 ROMWD11 ROMWD10 ROMWD9
ROMWD8
-
-
-
-
-
-
-
-
7-0 ROMWD[15:8] This port is for designers to write data to 93C46.
Offset 8Dh
ROMWD7
ROMWD6
ROMWD5
ROMWD4
ROMWD3
ROMWD2
ROMWD1
ROMWD0
-
-
-
-
-
-
-
-
7-0 ROMWD[7:0]
This port is for designers to write data to 93C46.
Offset 8Eh
ROMRD15 ROMRD14 ROMRD13 ROMRD12 ROMRD11 ROMRD10
ROMRD9
ROMRD8
-
-
-
-
-
-
-
-
7-0 ROMRD[15:8] This port is for designers to read data to 93C46.
Offset 8Fh
ROMRD7
ROMRD6
ROMRD5
ROMRD4
ROMRD3
ROMRD2
ROMRD1
ROMRD0
-
-
-
-
-
-
-
-
7-0 ROMRD[7:0]
This port is for designers to read data to 93C46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com