Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 43 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 43 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 39Page - GENESYS LOGIC GL843 Datasheet HTML 40Page - GENESYS LOGIC GL843 Datasheet HTML 41Page - GENESYS LOGIC GL843 Datasheet HTML 42Page - GENESYS LOGIC GL843 Datasheet HTML 43Page - GENESYS LOGIC GL843 Datasheet HTML 44Page - GENESYS LOGIC GL843 Datasheet HTML 45Page - GENESYS LOGIC GL843 Datasheet HTML 46Page - GENESYS LOGIC GL843 Datasheet HTML 47Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 43
1
Has received data number specified in Reg 88 from RS232.
Offset 50h ……..……..…………………..………..….………..……....…..….…. Default value = 8’h00
X
X
FERDA5
FERDA4
FERDA3
FERDA2
FERDA1
FERDA0
X
X
R/W
R/W
R/W
R/W
R/W
R/W
7-6 RESERVED
-
5-0 FERDA[5:0]
Address of control register of front-end in read operation.
Before reading control register of front-end (Reg 46, 47), designers have to
specify address of the control register by writing address to this port.
Offset 51h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
FEWRA5
FEWRA4
FEWRA3
FEWRA2
FEWRA1
FEWRA0
X
X
R/W
R/W
R/W
R/W
R/W
R/W
7-6 RESERVED
-
5-0 FEWRA[5:0]
Address of control register of front-end in write operation.
Before writing control register of front-end (Reg 3A, 3B), designers have to
specify address of the control register by writing address to this port.
Offset 52h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
RHI4
RHI3
RHI2
RHI1
RHI0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RHI[4:0]
The latch point for high-byte of R channel of AFE in every pixel.
For example, if a system is designed to have 12 clocks/pixel, and designer wants
to latch the high-byte of R channel at 1’st clock in every pixel, designer has to fill
‘00001’ to RHI [4:0].
Offset 53h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
RLOW4
RLOW3
RLOW2
RLOW1
RLOW0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RLOW[4:0]
The latch point for low-byte of R channel of AFE in every pixel
For example, if a system is designed to have 12 clocks/pixel, and designer wants
to latch the high-byte of R channel at 1’st clock in every pixel, designer has to fill
‘00001’ to RHI [4:0].
Offset 54h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
GHI4
GHI3
GHI2
GHI1
GHI0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 GHI[4:0]
The latch point for high-byte of G channel of AFE in every pixel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com