Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 16 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 16 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 12Page - GENESYS LOGIC GL843 Datasheet HTML 13Page - GENESYS LOGIC GL843 Datasheet HTML 14Page - GENESYS LOGIC GL843 Datasheet HTML 15Page - GENESYS LOGIC GL843 Datasheet HTML 16Page - GENESYS LOGIC GL843 Datasheet HTML 17Page - GENESYS LOGIC GL843 Datasheet HTML 18Page - GENESYS LOGIC GL843 Datasheet HTML 19Page - GENESYS LOGIC GL843 Datasheet HTML 20Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 16
Pin Name
Type
Description
RPU
-
3.3V Pull up control for DPF
DPF
I/O
Positive USB differential data (Full Speed)
DPH
I/O
Positive USB differential data (High Speed)
DMF
I/O
Negative USB Differential Data (Full Speed)
DMH
I/O
Negative USB Differential Data (High Speed)
RREF
-
510 Ω reference resistor input
Pin Name
Type
Description
AVDD, AVCC1
P
Analog power input for USB2.0 transceiver 3.3V
AGND, AGND1
P
Analog ground input for USB2.0 transceiver
DVCC0, DVCC1
P
Digital power input for USB2.0 controller 3.3V
DGND0, DGND1
P
Digital ground input for USB2.0 controller.
VccCore1~4
P
Digital power input for scanner controller logic core 3.3V
GndCore1~4,
GndIO1~5
P
Digital ground input for scanner controller.
VccIO1~2
P
For Pin7~Pin48 3.3V
VccIO3
P
For Pin49~Pin66 3.3V
VccIO4
P
For Pin67~Pin83 3.3V
VccIO5
P
For Pin84~Pin117 3.3V
GND
P
Ground
Notation:
Type
O
Output
I
Input
B
Bi-directional
B/I
Bi-directional, default input
B/O
Bi-directional, default output
P
Power / Ground
A
Analog
SO
Automatic output low when suspend
pu
Internal pull up
pd
Internal pull down
odpu
Open drain with internal pull up
odpu
Open drain with internal pull up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com