Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 55 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 55 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 51Page - GENESYS LOGIC GL843 Datasheet HTML 52Page - GENESYS LOGIC GL843 Datasheet HTML 53Page - GENESYS LOGIC GL843 Datasheet HTML 54Page - GENESYS LOGIC GL843 Datasheet HTML 55Page - GENESYS LOGIC GL843 Datasheet HTML 56Page - GENESYS LOGIC GL843 Datasheet HTML 57Page - GENESYS LOGIC GL843 Datasheet HTML 58Page - GENESYS LOGIC GL843 Datasheet HTML 59Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 55
2 GPOLED10
0
Set GPIO10 as general purpose I/O.
1
Set GPIO10 as LED output.
1 GPOLED9
0
Set GPIO9 as general purpose I/O.
1
Set GPIO9 as LED output.
0 GPOLED8
0
Set GPIO8 as general purpose I/O.
1
Set GPIO8 as LED output.
Offset 7Fh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
BSMPDLY1 BSMPDLY0 VSMPDLY1 VSMPDLY0
LEDCNT3 LEDCNT2 LEDCNT1 LEDCNT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 BSMPDLY[1:0] BSMP output delay.
00
No delay.
01
Delay 8.33ns
10
Delay 16.67ns
11
Delay 25ns.
5-4 VSMPDLY[1:0] VSMP output delay.
00
No delay.
01
Delay 8.33ns
10
Delay 16.67ns
11
Delay 25ns.
3-0 LEDCNT[1:0]
LED blinking period = (LEDCNT)*(100ms on + 100ms off).
LED will not blink if LEDCNT=0.
Offset 80h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
VRHOME1 VRHOME0 VRMOVE1 VRMOVE0 VRBACK1 VRBACK0 VRSCAN1 VRSCAN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 VRHOME[1:0] Vref. of the motor driver IC for go-home moving.
5-4 VRMOVE[1:0] Vref. of the motor driver IC for fast forward moving.
3-2 VRBACK[1:0] Vref. of the motor driver IC for backward moving when the image buffer is full.
1-0 VRSCAN[1:0]
Vref. of the motor driver IC forward scanning moving.
Offset 81h ……..……..……..…………..………..…………..….………..…..…. Default value = 8’h00
X
X
X
LOADSET4
LOADSET3
LOADSET2
LOADST1
LOADSET0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5
RESERVED
-
4-0
LOADSET[4:0]
set the data types for downloading data.
Offset 82h ……..……..……..…………..………..…………..….………..…..…. Default value = 8’h00
CONTB3
CONTB2
CONTB1
CONTB0
CONTA3
CONTA2
CONTA1
CONTA0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-4
CONTB[7:4]
Set flow control counter mode (count method) for flatbed
3-0
CONTA [3:0]
Set flow control counter mode (count method) for ADF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com