Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 75 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 75 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 71Page - GENESYS LOGIC GL843 Datasheet HTML 72Page - GENESYS LOGIC GL843 Datasheet HTML 73Page - GENESYS LOGIC GL843 Datasheet HTML 74Page - GENESYS LOGIC GL843 Datasheet HTML 75Page - GENESYS LOGIC GL843 Datasheet HTML 76Page - GENESYS LOGIC GL843 Datasheet HTML 77Page - GENESYS LOGIC GL843 Datasheet HTML 78Page - GENESYS LOGIC GL843 Datasheet HTML 79Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 75
(1) Two tables type:
Speed
Scanning position
Buffer full position
Scan finished
Go to scan window
forward
A(4)
B(4)
C(1)
D(1)
E(1)
F(3)
Length
G(5),K
H(2)
I(2)
J(4)
go home
backward
A,J
: Acceleration curve in table four (slope four) for fast moving.
B
: Deceleration curve in table four (slope four) for fast moving.
C,D : Acceleration curve in table one (slope one) for scanning.
E
: Deceleration curve in table one (slope one) for scanning.
F
: Deceleration curve in table three (slope three) for scanning finished to protect wall hitting.
I
: Acceleration curve in table two (slope two) for back-track when image buffer full.
H
: Deceleration curve in table two (slope two) for back-track when image buffer full.
G
: Deceleration curve in table five (slope five) for go-home to protect wall hitting.
K
: Touch home sensor deceleration curve for go-home.
(2) One tables type:
Speed
Scanning position
Buffer full position
Scan finished
Go to scan window
C(1)
D(1)
E(1)
F(3)
Length
G(5),K
H(2)
I(2)
J(4)
Go home
J
: Acceleration curve in table four (slope four) for fast moving.
C,D : Acceleration curve in table one (slope one) for forward scanning.
E
: Deceleration curve in table one (slope one) for scanning.
F
: Deceleration curve in table three (slope three) for scanning finished to protect wall hitting.
I
: Acceleration curve in table two (slope two) for back-track when image buffer full.
H
: Deceleration curve in table two (slope two) for back-track when image buffer full.
G
: Deceleration curve in table five (slope five) for go-home to protect wall hitting.
K
: Touch home sensor deceleration curve for go-home.
20 Trigger Position Control
Designers can select to move motor first then capture image; or capture image first then move motor.
21 Stepping Motor Phase Control
There are 8 output control pins to control stepping motors:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com