Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 52 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 52 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 48Page - GENESYS LOGIC GL843 Datasheet HTML 49Page - GENESYS LOGIC GL843 Datasheet HTML 50Page - GENESYS LOGIC GL843 Datasheet HTML 51Page - GENESYS LOGIC GL843 Datasheet HTML 52Page - GENESYS LOGIC GL843 Datasheet HTML 53Page - GENESYS LOGIC GL843 Datasheet HTML 54Page - GENESYS LOGIC GL843 Datasheet HTML 55Page - GENESYS LOGIC GL843 Datasheet HTML 56Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 52
Offset 70h ……..………………………..………..….………..….………..…..…. Default value = 8’h06
X
X
X
RSH4
RSH3
RSH2
RSH1
RSH0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RSH[4:0]
Rising edge position of CCD RS.
Offset 71h ……..………………………..………..….………..….………..…..…. Default value = 8’h08
X
X
X
RSL4
RSL3
RSL2
RSL1
RSL0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 RSL[4:0]
Falling edge position of CCD RS.
(1) Color, gray or line-art: 12 clocks(phase)/pixel
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
CCD RS : RSH=08H
RSL=0BH
Note: 16 clocks(phase)/pixel and 18 clocks(phase)/pixel modes are similar to 12 clocks(phase)/pixel mode.
Offset 72h ……..………………………..………..….………..….………..…..…. Default value = 8’h08
X
X
X
CPH4
CPH3
CPH2
CPH1
CPH0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 CPH[4:0]
Rising edge position of CCD CP.
Offset 73h …….………………………..………..….………..….………..…..…. Default value = 8’h0A
X
X
X
CPL4
CPL3
CPL2
CPL1
CPL0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 CPL[4:0]
Falling edge position of CCD CP.
(1) Color, gray or line-art: 12 clocks(phase)/pixel
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
CCD CP : CPH=0AH
CPL=01H
Note: 16 clocks(phase)/pixel and 18 clocks(phase)/pixel modes are similar to 12 clocks(phase)/pixel mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com