Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 46 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 46 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 42Page - GENESYS LOGIC GL843 Datasheet HTML 43Page - GENESYS LOGIC GL843 Datasheet HTML 44Page - GENESYS LOGIC GL843 Datasheet HTML 45Page - GENESYS LOGIC GL843 Datasheet HTML 46Page - GENESYS LOGIC GL843 Datasheet HTML 47Page - GENESYS LOGIC GL843 Datasheet HTML 48Page - GENESYS LOGIC GL843 Datasheet HTML 49Page - GENESYS LOGIC GL843 Datasheet HTML 50Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 46
7-0 HISPD[7:0]
To change of the speed of motor during moving
Note: It cannot be programmed to logic zero.
Offset 5Eh ……..……..………………..………..….………..….…..…..…..…. Default value = 8’h00
DECSEL2
DECSEL1
DECSEL0 STOPTIM4 STOPTIM3 STOPTIM2 STOPTIM1 STOPTIM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-5 DECSEL[2:0]
Deceleration steps number after touching home sensor.
000
1 steps deceleration
001
2 steps deceleration
010
4 steps deceleration
011
8 steps deceleration
100
16 steps deceleration
101
32 steps deceleration
110
64 steps deceleration
111
128 steps deceleration
4-0 STOPTIM[4:0] Stop time between forward and backward direction in backtracking.
Note: In ASIC simulation process, STOPTIM has to be set to tgtime=6,7.
It cannot be programmed to logic zero.
Offset 5Fh ……..………………………..………..….………..….…..…..…..…. Default value = 8’h00
FMOVDEC7 FMOVDEC6 FMOVDEC5 FMOVDEC4 FMOVDEC3 FMOVDEC2 FMOVDEC1 FMOVDEC0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 FMOVDEC[7:0] Deceleration steps in table 5 for auto-go-home.
Note: 1.It cannot be programmed to logic zero.
2.It can be multiplied by 2 *
STEPTIM
Offset 60h ……..………………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
Z1MOD20
Z1MOD19
Z1MOD18 Z1MOD17
Z1MOD16
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 Z1MOD[20:16] “remainder value” of MOD operation in acceleration/deceleration tables.
ASIC calculate the moving time by MOD operation when buffer-full occurs.
Note: It should be less than LPERIOD.
Offset 61h ……..………………………..………..….………..….…..…..…..…. Default value = 8’h00
Z1MOD15
Z1MOD14
Z1MOD13 Z1MOD12
Z1MOD11
Z1MOD10 Z1MOD7
Z1MOD8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 Z1MOD[15:8]
“remainder value” of MOD operation in acceleration/deceleration tables.
ASIC calculate the moving time by MOD operation when buffer-full occurs.
Note: It should be less than LPERIOD.
Offset 62h ……..………………………..………..….………..….…..…..…..…. Default value = 8’h00
Z1MOD7
Z1MOD6
Z1MOD5 Z1MOD4
Z1MOD3
Z1MOD2
Z1MOD1
Z1MOD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com