Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 80 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 80 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 76Page - GENESYS LOGIC GL843 Datasheet HTML 77Page - GENESYS LOGIC GL843 Datasheet HTML 78Page - GENESYS LOGIC GL843 Datasheet HTML 79Page - GENESYS LOGIC GL843 Datasheet HTML 80Page - GENESYS LOGIC GL843 Datasheet HTML 81Page - GENESYS LOGIC GL843 Datasheet HTML 82Page - GENESYS LOGIC GL843 Datasheet HTML 83Page - GENESYS LOGIC GL843 Datasheet HTML 84Page - GENESYS LOGIC  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 80
41 Lossless Data Compression
GL843 use Huffman coding method to implement the lossless data compression.
42 Lines Packing for Stagger CCD or R/G/B Line Differences
GL843 packs R, G and B lines together for CCD sensors by hardware. And it also packs the same color lines
of stagger CCD together.
43 Fine CDS Sampling Adjustment
Designers can fine-tune the CDS sampling position to avoid the digital noise influence (8.33ns adjustment).
The image noise may come from the digital noise of PCB.
44 Wall-Hitting Protection
Designers can use table five of motor moving to protect the wall hitting. The LONGCURV control bit has to
be set to logic ‘1’ to enable the long-curve function. The first several steps are used to decelerate the carriage
moving; the other slower steps are focused on touching the home sensor.
Due to the special table five, designers can replace the photo-sensor by simple, cheaper mechanical-type sensors.
45 Motor Driver IC Setting
Designers add pull up/pull down
resistors on MTR_SEL1~3 will indicate ASIC to generate the timing of
specified motor driver IC. Please refer to section 5.2.
MTR_SEL1 share in CCD_CH4X pin.
MTR_SEL2 share in CCD_TGG pin.
MTR_SEL3 share in CCD_TGB pin.
46 Operation Mode Setting
Designers add pull down
resistors on TSTSEL1~2 will indicate ASIC to work on normal mode.Please refer
to section 5.2.
TSTSEL1 share in CCD_CK2X pin.
TSTSEL2 share in CCD_RSX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com