Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 53 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 53 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 49Page - GENESYS LOGIC GL843 Datasheet HTML 50Page - GENESYS LOGIC GL843 Datasheet HTML 51Page - GENESYS LOGIC GL843 Datasheet HTML 52Page - GENESYS LOGIC GL843 Datasheet HTML 53Page - GENESYS LOGIC GL843 Datasheet HTML 54Page - GENESYS LOGIC GL843 Datasheet HTML 55Page - GENESYS LOGIC GL843 Datasheet HTML 56Page - GENESYS LOGIC GL843 Datasheet HTML 57Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 53
Offset 74h ……..……..………………..………..…...………..….………..…..…. Default value = 8’h00
X
X
X
X
X
X
CK1MAP17 CK1MAP16
X
X
X
X
X
X
R/W
R/W
7-2 RESERVED
-
1-0 CK1MAP[17:16] Bits mapping setting for CCD clock 1 or 2.
Offset 75h ……..……..………………..……..…..….………..….………..…..…. Default value = 8’h00
CK1MAP15 CK1MAP14 CK1MAP13 CK1MAP12 CK1MAP11 CK1MAP10 CK1MAP9 CK1MAP8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 CK1MAP[15:8] Bits mapping setting for CCD clock 1 or 2.
Offset 76h ……..……..………………..………....….………..….………..…..…. Default value = 8’h00
CK1MAP7 CK1MAP6 CK1MAP5 CK1MAP4 CK1MAP3 CK1MAP2 CK1MAP1 CK1MAP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 CK1MAP[7:0]
Bits mapping setting for CCD clock 1 or 2.
Offset 77h ……..……..………………..………..…...………..….………..…..…. Default value = 8’h00
X
X
X
X
X
X
CK3MAP17 CK3MAP16
X
X
X
X
X
X
R/W
R/W
7-2 RESERVED
-
1-0 CK3MAP[17:16] Bits mapping setting for CCD clock 3.
Offset 78h ……..……..………………..……..…..….………..….………..…..…. Default value = 8’h00
CK3MAP15 CK3MAP14 CK3MAP13 CK3MAP12 CK3MAP11 CK3MAP10 CK3MAP9 CK3MAP8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 CK3MAP[15:8] Bits mapping setting for CCD clock 3.
Offset 79h ……..……..………………..………....….………..….………..…..…. Default value = 8’h00
CK3MAP7 CK3MAP6 CK3MAP5 CK3MAP4 CK3MAP3 CK3MAP2 CK3MAP1 CK3MAP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 CK3MAP[7:0]
Bits mapping setting for CCD clock 3.
Offset 7Ah ……..……..……………..………..…...………..….………..…..…. Default value = 8’h00
X
X
X
X
X
X
CK4MAP17 CK4MAP16
X
X
X
X
X
X
R/W
R/W
7-2 RESERVED
-
1-0 CK4MAP[17:16] Bits mapping setting for CCD clock 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com