Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 23 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 23 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 19Page - GENESYS LOGIC GL843 Datasheet HTML 20Page - GENESYS LOGIC GL843 Datasheet HTML 21Page - GENESYS LOGIC GL843 Datasheet HTML 22Page - GENESYS LOGIC GL843 Datasheet HTML 23Page - GENESYS LOGIC GL843 Datasheet HTML 24Page - GENESYS LOGIC GL843 Datasheet HTML 25Page - GENESYS LOGIC GL843 Datasheet HTML 26Page - GENESYS LOGIC GL843 Datasheet HTML 27Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 23
01
R
10
G
11
B
1-0 FESET[1:0]
Front end operation type:
00
ESIC type 1
01
ESIC type2
10
ADI type
11
Reserved
Offset 05h ……………………………………………..…………..……..………. Default value = 8’h00
DPIHW1
DPIHW0
MTLLAMP1 MTLLAMP0
GMMENB
ENB20M
MTLBASE1 MTLBASE0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 DPIHW[1:0]
To set CCD/CIS resolution.
00
600 dpi
01
1200 dpi
10
2400 dpi
11
4800 dpi
5-4 MTLLAMP[1:0] Multiply coefficient for time-out counter of lamp.
00
1* LAMPTIM
01
2* LAMPTIM
10
4* LAMPTIM
11
Reserved
3 GMMENB
0
Disable gamma correction.
1
Enable gamma correction.
2 ENB20M
0
CCD_CK1X output clocks according to designer’s settings .
1
CCD_CK1X generate 20MHz clock to CCD or CIS sensors.
1-0 MTLBASE[1:0] To set output CCD pixel number under each system pixel time.
00
1 CCD pixel/sstem pixel time.
01
2 CCD pixel/sstem pixel time.
10
3 CCD pixel/sstem pixel time.
11
4 CCD pixel/sstem pixel time.
Offset 06h ……………………………………………..…………..……..………. Default value = 8’h00
SCANMOD2 SCANMOD1 SCANMOD0
PWRBIT
GAIN4
OPTEST2
OPTEST1
OPTEST0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-5 SCANMOD[2:0] To set operation mode.
000
12 clocks/pixel ; normal mode operation for scanning.
Color scanning : 24 bits image with gamma correction
Gray scanning : 8 bits image with gamma correction
16 bits image without gamma correction
Line art scanning : 1 bit image with gamma correction
001
12 clocks/pixel ; bypass mode operation for calibration.
Include color(pixel rate) , gray line-art.
010
Reserved
011
Reserved
100
Reserved
101
Reserved
110
18 clocks/pixel.
Color scanning :
24 bits image with gamma correction
48 bits image without gamma correction
Gray scanning : 8 bits image with gamma correction
16 bits image without gamma correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com