Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 31 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 31 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 27Page - GENESYS LOGIC GL843 Datasheet HTML 28Page - GENESYS LOGIC GL843 Datasheet HTML 29Page - GENESYS LOGIC GL843 Datasheet HTML 30Page - GENESYS LOGIC GL843 Datasheet HTML 31Page - GENESYS LOGIC GL843 Datasheet HTML 32Page - GENESYS LOGIC GL843 Datasheet HTML 33Page - GENESYS LOGIC GL843 Datasheet HTML 34Page - GENESYS LOGIC GL843 Datasheet HTML 35Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 31
3 CK4INV
0
Don’t reverse.
1
To reverse CCD Clock4.
2 CK3INV
0
Don’t reverse.
1
To reverse CCD Clock 3.
1 LINECLP
0
To select CCD pixel clamping.
1
To select CCD line clamping.
0 RESERVED
-
Offset 1Bh ……..……………………………………..…………..……..……..…. Default value = 8’h00
GRAYSET CHANSEL
BGRENB
ICGENB
ICGDLY3
ICGDLY2
ICGDLY1
ICGDLY0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
GRAYSET
0
Select single channel output.
1
Select two channel output.
6
CHANSEL
0
Fast true gray latch is 2 and 3 position.
1
Fast true gray latch is 1 and 2 position.
5
BGRENB
0
The order is R-G-B.
1
The order of latching A/D data is B-G-R.
4 ICGENB
0
To disable ICG control.
1
To enable CCD shutter control signal ICG.
3-0 ICGDLY[3:0]
CCD ICG delay for rising/falling edge.
Offset 1Ch ……..……………………………………..…………..…....………. Default value = 8’h00
CK4MTGL CK3MTGL CK1MTGL
CKAREA
MTLWD
TGTIME2
TGTIME1
TGTIME0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 CK4MTGL
0
Disable toggle function in CCD clock 4.
1
Enable toggle function in CCD clock 4.
6 CK3MTGL
0
Disable toggle function in CCD clock 3.
1
Enable toggle function in CCD clock 3.
5 CK1MTGL
0
Disable toggle function in CCD clock 1 & 2.
1
Enable toggle function in CCD clock 1 &2.
4 CKAREA
0
This function is disabled.
1
CCD clock speed depends on CKSEL in scan area and DCKSEL in non-scan area.
3 MTLWD
0
Set the watchdog time-out as WDTIME[3:0].
1
Set the watchdog time-out as WDTIME[3:0] * 2.
2-0 TGTIME[2:0]
CCD line period selection.
000
1*LPERIOD(Reg38,Reg39)
001
2*LPERIOD
010
4*LPERIOD
011
8*LPERIOD
100
16*LPERIOD
101
32*LPERIOD
110
Reserved.
111
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com