Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 18 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 18 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 14Page - GENESYS LOGIC GL843 Datasheet HTML 15Page - GENESYS LOGIC GL843 Datasheet HTML 16Page - GENESYS LOGIC GL843 Datasheet HTML 17Page - GENESYS LOGIC GL843 Datasheet HTML 18Page - GENESYS LOGIC GL843 Datasheet HTML 19Page - GENESYS LOGIC GL843 Datasheet HTML 20Page - GENESYS LOGIC GL843 Datasheet HTML 21Page - GENESYS LOGIC GL843 Datasheet HTML 22Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 18
27h
LINCNT[7:0]
8’h00
28h
“GMMWRDATA”
-
29h
X
X
X
RAMADDR[20:16]
8’h00
2Ah
RAMADDR[15:8]
8’h00
2Bh
RAMADDR[7: 0]
8’h00
2Ch
X
X
DPISET[13:8]
8’h00
2Dh
DPISET[7:0]
8’h00
2Eh
BWHI[7:0]
8’h00
2Fh
BWLOW[7:0]
8’h00
30h
STRPIXEL[15:8]
8’h00
31h
STRPIXEL[7:0]
8’h00
32h
ENDPIXEL[15:8]
8’h00
33h
ENDPIXEL[7:0]
8’h00
34h
DUMMY[7:0]
8’h00
35h
MAXWD[24:17]
8’h00
36h
MAXWD[16:9]
8’h00
37h
MAXWD[8:1]
8’h00
38h
LPERIOD[15:8]
8’h2A
39h
LPERIOD[7:0]
8’h30
3Ah
X
X
X
X
X
X
X
FEWRDATA[8]
-
3Bh
FEWRDATA[7:0]
-
3Ch
“RAMWRDATA”
-
3Dh
X
X
X
X
FEEDL[19:16]
8’h00
3Eh
FEEDL[15:8]
8’h00
3Fh
FEEDL[7:0]
8’h00
40h DOCSNR ADFSNR COVERSNR CHKVER DOCJAM HISPDFLG MOTMFLG DATAENB
-
41h
PWRBIT BUFEMPTY FEEDFSH SCANFSH HOMESNR LAMPSTS FEBUSY MOTORENB
-
42h
VALIDWORD[24:17]
8’h00
43h
VALIDWORD[16:9]
8’h00
44h
VALIDWORD[8:1]
8’h00
45h
“RAMRDDATA”
-
46h
X
X
X
X
X
X
X
FERDDATA[8]
-
47h
FERDDATA[7:0]
-
48h
X
X
X
X
FEDCNT[19:16]
8’h00
49h
FEDCNT[15:8]
8’h00
4Ah
FEDCNT[7:0]
8’h00
4Bh
X
X
X
X
SCANCNT[19:16]
8’h00
4Ch
SCANCNT[15:8]
8’h00
4Dh
SCANCNT[7:0]
8’h00
4Eh
“GMMRDDATA”
-
4Fh
X
X
DOGON
ROMBSY LCMBSY TX232BSY RX232BSY RXREADY
-
50h
X
X
FERDA[5:0]
8’h00
51h
X
X
FEWRA[5:0]
8’h00
52h
X
X
X
RHI[4:0]
8’h00
53h
X
X
X
RLOW[4:0]
8’h00
54h
X
X
X
GHI[4:0]
8’h00
55h
X
X
X
GLOW[4:0]
8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com