Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 47 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 47 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 43Page - GENESYS LOGIC GL843 Datasheet HTML 44Page - GENESYS LOGIC GL843 Datasheet HTML 45Page - GENESYS LOGIC GL843 Datasheet HTML 46Page - GENESYS LOGIC GL843 Datasheet HTML 47Page - GENESYS LOGIC GL843 Datasheet HTML 48Page - GENESYS LOGIC GL843 Datasheet HTML 49Page - GENESYS LOGIC GL843 Datasheet HTML 50Page - GENESYS LOGIC GL843 Datasheet HTML 51Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 47
7-0 Z1MOD[7:0]
“remainder value” of MOD operation in acceleration/deceleration tables.
ASIC calculate the moving time by MOD operation when buffer-full occurs.
Note: It should be less than LPERIOD.
Offset 63h ……..………………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
Z2MOD20
Z2MOD19
Z2MOD18 Z2MOD17
Z2MOD16
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
7-0 Z2MOD[20:16] “remainder value” of MOD operation in acceleration/deceleration tables.
ASIC calculate the moving time by MOD operation when scanner start to move.
Note: It should be less than LPERIOD.
Note:for ACDCDIS=1,designer must subtract any small offset value from Z2MOD to
solve the first time start/stop motor position problem.
Offset 64h ……..………………………..………..….………..….…..…..…..…. Default value = 8’h00
Z2MOD15
Z2MOD14
Z2MOD13
Z2MOD12
Z2MOD11
Z2MOD10
Z2MOD9
Z2MOD8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 Z2MOD[15:8]
“remainder value” of MOD operation in acceleration/deceleration tables.
ASIC calculate the moving time by MOD operation when scanner start to move.
Note: It should be less than LPERIOD.
Note:for ACDCDIS=1,designer must subtract any small offset value from Z2MOD to
solve the first time start/stop motor position problem.
Offset 65h ……..………………………..………..….………..….…..…..…..…. Default value = 8’h00
Z2MOD7
Z2MOD6
Z2MOD5
Z2MOD4
Z2MOD3
Z2MOD2
Z2MOD1
Z2MOD0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 Z2MOD[7:0]
“remainder value” of MOD operation in acceleration/deceleration tables.
ASIC calculate the moving time by MOD operation when scanner start to move.
Note: It should be less than LPERIOD.
Note:for ACDCDIS=1,designer must subtract any small offset value from Z2MOD to
solve the first time start/stop motor position problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com