Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 42 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 42 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 38Page - GENESYS LOGIC GL843 Datasheet HTML 39Page - GENESYS LOGIC GL843 Datasheet HTML 40Page - GENESYS LOGIC GL843 Datasheet HTML 41Page - GENESYS LOGIC GL843 Datasheet HTML 42Page - GENESYS LOGIC GL843 Datasheet HTML 43Page - GENESYS LOGIC GL843 Datasheet HTML 44Page - GENESYS LOGIC GL843 Datasheet HTML 45Page - GENESYS LOGIC GL843 Datasheet HTML 46Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 42
Offset 4Bh ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
X
X
X
X
SCANCNT19 SCANCNT18 SCANCNT17 SCANCNT16
X
X
X
X
R
R
R
R
7-4 RESERVED
-
3-0 SCANCNT[19:16] Line number which scanner has finished.
For example, after setting the line number (Reg 25, 26 27) and execute the
scanning enable (bit 0 of Reg 01), designers can get line number which has been
finished via these registers.
Offset 4Ch ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
SCANCNT15 SCANCNT14 SCANCNT13 SCANCNT12 SCANCNT11 SCANCNT10
SCANCNT9 SCANCNT8
R
R
R
R
R
R
R
R
7-0 SCANCNT[15:8] Line number which scanner has finished.
For example, after setting the line number (Reg 25, 26 27) and execute the
scanning enable (bit 0 of Reg 01), designers can get line number which has been
finished via these registers.
Offset 4Dh ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
SCANCNT7 SCANCNT6 SCANCNT5 SCANCNT4 SCANCNT3 SCANCNT2 SCANCNT1 SCANCNT0
R
R
R
R
R
R
R
R
7-0 SCANCNT[7:0] Line number which scanner has finished.
For example, after setting the line number (Reg 25, 26 27) and execute the
scanning enable (bit 0 of Reg 01), designers can get line number which has been
finished via these registers.
Offset 4Eh
GMMRDDATA
R
GMMRDDATA
This port is for designers to read gamma table back.
Offset 4Fh
X
X
X
ROMBSY
LCMBSY
TX232BSY RX232BSY RXREADY
X
X
X
R
R
R
R
R
7-5 RESERVED
-
4 ROMBSY
0
EEPROM is ready for access.
1
EEPROM (93C46) is busy and can not be accessed.
3 LCMBSY
0
LCM interface is ready for access.
1
LCM interface is busy and can not be accessed.
2 TX232BSY
0
RS232 transmitter is ready for access.
1
RS232 transmitter is busy and can not be accessed.
1 RX232BSY
0
RS232 receiver is ready for access.
1
RS232 receiver is busy and can not be accessed.
0 RXREADY
0
The receiving has not been completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com