Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 7Page - GENESYS LOGIC GL843 Datasheet HTML 8Page - GENESYS LOGIC GL843 Datasheet HTML 9Page - GENESYS LOGIC GL843 Datasheet HTML 10Page - GENESYS LOGIC GL843 Datasheet HTML 11Page - GENESYS LOGIC GL843 Datasheet HTML 12Page - GENESYS LOGIC GL843 Datasheet HTML 13Page - GENESYS LOGIC GL843 Datasheet HTML 14Page - GENESYS LOGIC GL843 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 11
3.2 Pin List
Table 3.1 – 128 Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1
AVCC1
P
33 ABUS6
O
65 CCD_TGX
O
97 GPIO4
I/O
2
X2
O
34 VccIO2
P
66 CCD_CK1X
O
98 GPIO5
I/O
3
X1
I
35 GndIO2
P
67 MCLK
O
99 GPIO6
I/O
4
AGND1
P
36 ABUS5
O
68 VSMP
O
100 GPIO7
I/O
5
DVCC1
P
37 ABUS4
O
69 BSMP
O
101 VccIO5
P
6
DGND1
P
38 ABUS3
O
70 SEN
O
102 GndIO5
P
7
DBUS15
I/O
39 ABUS2
O
71 SCLK
O
103 GPIO8
I/O
8
DBUS14
I/O
40 ABUS1
O
72 SDI
O
104 GPIO10
I/O
9
DBUS13
I/O
41 ABUS0
O
73 SDO
I
105 GPIO11
I/O
10 DBUS12
I/O
42 RASJ
O
74 VccIO4
P
106 GPIO12
I/O
11 DBUS11
I/O
43 CASJ
O
75 GndIO4
P
107 GPIO13
I/O
12 DBUS10
I/O
44 WEJ
O
76 OP7
I
108 GPIO14
I/O
13 DBUS9
I/O
45 BANK1
O
77 OP6
I
109 GPIO15
I/O
14 DBUS8
I/O
46 BANK0
O
78 OP5
I
110 GPIO16
I/O
15 VccIO1
P
47 CKE
O
79 OP4
I
111 GPIO17
I/O
16 GndIO1
P
48 RAMCLK
O
80 OP3
I
112 GPIO18
I/O
17 DBUS7
I/O
49 ADF_SENR
I/O
81 OP2
I
113 VccCore4
P
18 DBUS6
I/O
50 HOME
I
82 OP1
I
114 GndCore4
P
19 DBUS5
I/O
51 LED_B
O
83 OP0
I
115 GPIO19
I/O
20 DBUS4
I/O
52 XPA_SW
O
84 MT_PH0
O
116 GPIO20
I/O
21 DBUS3
I/O
53 VccCore2
P
85 MT_PH1
O
117 EXTRST_
O
22 DBUS2
I/O
54 GndCore2
P
86 MT_PH2
O
118 GND
P
23 DBUS1
I/O
55 LAMP_SW
O
87 VccCore3
P
119 DVCC0
P
24 DBUS0
I/O
56 CCD_TGB
O
88 GndCore3
P
120 DGND0
P
25 VccCore1
P
57 CCD_TGG
O
89 MT_PH3
O
121 RPU
-
26 GndCore1
P
58 VccIO3
P
90 MT_PH4
O
122 AVDD
P
27 ABUS12
O
59 GndIO3
P
91 MT_PH5
O
123 DPF
I/O
28 ABUS11
O
60 CCD_CK4X
O
92 MT_PH6
O
124 DPH
I/O
29 ABUS10
O
61 CCD_CK2X
O
93 MT_PH7
O
125 DMF
I/O
30 ABUS9
O
62 CCD_RSX
O
94 GPIO1
I/O 126 DMH
I/O
31 ABUS8
O
63 CCD_CPX
O
95 GPIO2
I/O 127 AGND
P
32 ABUS7
O
64 CCD_CK3X
O
96 GPIO3
I/O 128 RREF
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com