Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 37 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 37 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 33Page - GENESYS LOGIC GL843 Datasheet HTML 34Page - GENESYS LOGIC GL843 Datasheet HTML 35Page - GENESYS LOGIC GL843 Datasheet HTML 36Page - GENESYS LOGIC GL843 Datasheet HTML 37Page - GENESYS LOGIC GL843 Datasheet HTML 38Page - GENESYS LOGIC GL843 Datasheet HTML 39Page - GENESYS LOGIC GL843 Datasheet HTML 40Page - GENESYS LOGIC GL843 Datasheet HTML 41Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 37
Offset 32h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
ENDPIXEL15 ENDPIXEL14 ENDPIXEL13 ENDPIXEL12 ENDPIXEL11 ENDPIXEL10
ENDPIXEL9 ENDPIXEL8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ENDPIXEL[15:8] The end pixel position of horizontal line (unit : pixel count).
ENDPIXEL=(TGW+2*TGSHLD)+end pixels number (count from CCD pixel 0)
Note: 1.It cannot be programmed to logic zero.
2.If the DPI9600 control bit is set to “1”,the STRPIXEL is doubled.
Offset 33h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
ENDPIXEL7 ENDPIXEL6 ENDPIXEL5 ENDPIXEL4 ENDPIXEL3 ENDPIXEL2 ENDPIXEL1 ENDPIXEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ENDPIXEL[7:0] The end pixel position of horizontal line (unit : pixel count).
ENDPIXEL=(TGW+2*TGSHLD)+end pixels number (count from CCD pixel 0)
Note: 1.It cannot be programmed to logic zero.
2.If the DPI9600 control bit is set to “1”,the STRPIXEL is doubled.
Offset 34h ……..……………………………………..…………..….…..…….…. Default value = 8’h00
DUMMY7
DUMMY6
DUMMY5
DUMMY4
DUMMY3
DUMMY2
DUMMY1
DUMMY0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 DUMMY[7:0]
The CCD dummy & optical black pixels number (unit : pixel count).
Note: It cannot be programmed to logic zero.
Reg30,31,32,33 and 34 setting rule.
TGSHLD(Reg1D)
RGW(Reg17)
TGSHLD(Reg1D)
CCD TG
CCD clock
CCD pixel no: N-1
N
0
1
2
3
4
For example, start pixel is 65 ,end pixel is 100 and CCD dummy pixel is 64,
Then STRPIXEL=(TGW+2*TGSHLD)+65.
ENDPIXEL=(TGW+2*TGSHLD)+100.
DUMMY =(TGW+2*TGSHLD)+64.
Offset 35h ……..…..……………………..………..….………..….…..…….…. Default value = 8’h00
MAXWD24 MAXWD23 MAXWD22 MAXWD21 MAXWD20 MAXWD19 MAXWD18 MAXWD17
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MAXWD[24:17] Maximum word size per line for ASIC estimation. The unit is 2 words.
If available buffer size < MAXWD, then “buffer full” state will be set. The
scanner execute backtracking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com