Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 41 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 41 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 37Page - GENESYS LOGIC GL843 Datasheet HTML 38Page - GENESYS LOGIC GL843 Datasheet HTML 39Page - GENESYS LOGIC GL843 Datasheet HTML 40Page - GENESYS LOGIC GL843 Datasheet HTML 41Page - GENESYS LOGIC GL843 Datasheet HTML 42Page - GENESYS LOGIC GL843 Datasheet HTML 43Page - GENESYS LOGIC GL843 Datasheet HTML 44Page - GENESYS LOGIC GL843 Datasheet HTML 45Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 41
Offset 45h
RAMRDDATA
R
RAMRDDATA
This port for designers to read data from SDRAM.
Offset 46h
X
X
X
X
X
X
X
FERDDATA8
X
X
X
X
X
X
X
R
7-1 RESERVED
-
0 FERDDATA8
This port is for designers to read control register from front-end.
Offset 47h
FERDDATA7 FERDDATA6 FERDDATA5 FERDDATA4 FERDDATA3 FERDDATA2 FERDDATA1 FERDDATA0
R
R
R
R
R
R
R
R
7-0 FERDDATA[7:0] This port is for designers to read control register from front-end.
Offset 48h ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
X
X
X
X
FEDCNT19 FEDCNT18 FEDCNT17 FEDCNT16
X
X
X
X
R
R
R
R
7-4 RESERVED
-
3-0 FEDCNT[19:16] Steps number which motor has moved.
For example, after setting the moving steps number (Reg 3D, 3E 3F) and
execute the moving command (Reg 0F), designers can get steps number which
has been moved via these registers. It can be reset to by FULLSTP command.
Offset 49h ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
FEDCNT15 FEDCNT14 FEDCNT13 FEDCNT12 FEDCNT11 FEDCNT10 FEDCNT9
FEDCNT8
R
R
R
R
R
R
R
R
7-0 FEDCNT[15:8] Steps number which motor has moved.
For example, after setting the moving steps number (Reg 3D, 3E 3F) and
execute the moving command (Reg 0F), designers can get steps number which
has been moved via these registers .It can be reset to by FULLSTP command.
Offset 4Ah ……..……..…………..………..………..….………..….…..…….…. Default value = 8’h00
FEDCNT7
FEDCNT6
FEDCNT5
FEDCNT4
FEDCNT3
FEDCNT2
FEDCNT1
FEDCNT0
R
R
R
R
R
R
R
R
7-0 FEDCNT[7:0]
Steps number which motor has moved.
For example, after setting the moving steps number (Reg 3D, 3E 3F) and
execute the moving command (Reg 0F), designers can get steps number which
has been moved via these registers.It can be reset to by FULLSTP command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com