Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 25 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 25 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 21Page - GENESYS LOGIC GL843 Datasheet HTML 22Page - GENESYS LOGIC GL843 Datasheet HTML 23Page - GENESYS LOGIC GL843 Datasheet HTML 24Page - GENESYS LOGIC GL843 Datasheet HTML 25Page - GENESYS LOGIC GL843 Datasheet HTML 26Page - GENESYS LOGIC GL843 Datasheet HTML 27Page - GENESYS LOGIC GL843 Datasheet HTML 28Page - GENESYS LOGIC GL843 Datasheet HTML 29Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 25
4 GMMFFG
0
This function is not enabled.
1
Gamma table address FFH of green channel is a special value.
3 GMMFFB
0
This function is not enabled.
1
Gamma table address FFH of blue channel is a special value.
2 GMMZR
0
This function is not enabled.
1
Gamma table address 00H of red channel is a special value.
1 GMMZG
0
This function is not enabled.
1
Gamma table address 00H of green channel is a special value.
0 GMMZB
0
This function is not enabled.
1
Gamma table address 00H of blue channel is a special value.
Offset 09h ……………………………………………..…………..……..………. Default value = 8’h00
MCNTSET1 MCNTSET0
EVEN1ST BLINE1ST BACKSCAN ENHANCE SHORTTG
NWAIT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 MCNTSET[1:0] To select the unit of motor table counter.
00
Pixel count.
01
System clock*2.
10
System clock*3.
11
System clock*4.
5 EVEN1ST
0
The first pixel of stagger CCD is located at odd sensor line.
1
The first pixel of stagger CCD is located at even sensor line.
4 BLINE1ST
0
The first sensor of CCD is red line.
1
The first sensor of CCD is blue line.
3 BACKSCAN
0
Select forward scanning function.
1
Select backward scanning function.
2 ENHANCE
0
Select normal mode for embedded EPP interface.
1
Select enhance mode for embedded EPP interface.
1 SHORTTG
0
Disable this function.
1
Enable short CCD SH(TG) period for film scanning.
0 NWAIT
0
No delay for nWait.
1
To delay nWait (H_BUSY) for one clock.
Offset 0Ah …………………………………………..…………..……..………. Default value = 8’h00
LCDSEL
LCMSEL
ADFSEL
LPWMEN EPROMSEL RS232SEL BAUDRAT1 BAUDRAT0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 LCDSEL
0
Disable LCD display function.
1
Enable LCD display function and the specific GPIOs are defined to drive LCD.
6 LCMSEL
0
Disable LCM display function.
1
Enable LCM display function and the specific GPIOs are defined to drive LCM.
5 ADFSEL
0
Disable ADF function.
1
Enable ADF function and the specific GPIOs are defined to drive ADF module.
4 LPWMEN
0
Disable ADF function.
1
Enable PWM function of lamp.
3 EPROMSEL
0
Disable external EEPROM (93C46) interface.
1
Enable external EEPROM (93C46) interface and the specific GPIOs are
defined to connect EEPROM.
2 RS232SEL
0
Disable RS232 interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com