Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 77 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 77 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 73Page - GENESYS LOGIC GL843 Datasheet HTML 74Page - GENESYS LOGIC GL843 Datasheet HTML 75Page - GENESYS LOGIC GL843 Datasheet HTML 76Page - GENESYS LOGIC GL843 Datasheet HTML 77Page - GENESYS LOGIC GL843 Datasheet HTML 78Page - GENESYS LOGIC GL843 Datasheet HTML 79Page - GENESYS LOGIC GL843 Datasheet HTML 80Page - GENESYS LOGIC GL843 Datasheet HTML 81Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 77
3. This pin can control bipolar motor driver IC (2916,6219,3955 or 3967) Vref for controlling
Imax current.
GPIO11: This pin can control bipolar motor driver IC (2916,6219,3955 or 3967) Vref for control
Imax current.
27 GPO28~33 Ports
GL843 provides 6 ports for general-purpose output. They exist in both 128 and 208 pins packages.
28 Power on Check
The default status of the PWRBIT control bit is reset. Programmers can set the PWRBIT control bit before
controlling the ASIC. GL843 will keep the status until power is turn off. This operation is to check if the
power had been turned off or not.
29 Extended GPIO
GPIO21~26 is only available in 208 pins QFP package.
30 LED Blinking
GL843 supports LED -blinking function. It is implemented in GPIO15~16 pins and GPIO21~26.
31 Support Back Scanning
GL843 supports forward or backward scanning.
32 Support LCD Interface
GL843 supports LCD display interface via internal logic circuitry. Programmers need to set the LCDSEL
control bit to logic ‘1’.
33 Support LCM Interface
GL843 supports LCM display interface via internal logic circuitry. Programmers need to set the LCMSEL
control bit to logic ‘1’. GPIO19 controls RS of LCM. GPIO20 controls EN of LCM.
GPIO1~4 control the data bus of LCM and share the input of keys matrix. GPIO18 controls the /E of external
74HC244.
The 74HC244 is a bus buffer to share keys matrix and LCM data bus.
Following is the application of keys matrix & LCM display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com