Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 5 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 5 Page - GENESYS LOGIC

  GL843 Datasheet HTML 1Page - GENESYS LOGIC GL843 Datasheet HTML 2Page - GENESYS LOGIC GL843 Datasheet HTML 3Page - GENESYS LOGIC GL843 Datasheet HTML 4Page - GENESYS LOGIC GL843 Datasheet HTML 5Page - GENESYS LOGIC GL843 Datasheet HTML 6Page - GENESYS LOGIC GL843 Datasheet HTML 7Page - GENESYS LOGIC GL843 Datasheet HTML 8Page - GENESYS LOGIC GL843 Datasheet HTML 9Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 5
LIST OF FIGURES
FIGURE 3.1 – 128 PIN QFP PINOUT DIAGRAM .................................................................9
FIGURE 3.1 – 208 PIN QFP PINOUT DIAGRAM ............................................................... 10
FIGURE 5.1 - USB2.0 SYSTEM BLOCK DIAGRAM ...........................................................68
FIGURE 5.2 - FUNCTION BLOCK DIAGRAM.....................................................................68
FIGURE 8.1 - GL843 128 PIN QFP PACKAGE ................................................................. 83
FIGURE 8.2- GL843 208 PIN QFP PACKAGE.................................................................. 84
LIST OF TABLES
TABLE 3.1 – 128 PIN LIST............................................................................................... 11
TABLE 3.2 – 208 PIN LIST............................................................................................... 12
TABLE 3.3 - PIN DESCRIPTIONS......................................................................................14
TABLE 4.1 - BASE ADDRESS FOR REGISTERS.................................................................. 17
TABLE 4.2 - SHADING MAPPING (CHUNKY FOR SINGLE BANK)......................................64
TABLE 4.3 - SHADING MAPPING (CHUNKY FOR DOUBLE BANK) .................................... 64
TABLE 4.4 - IMAGE BUFFER MAPPING ...........................................................................65
TABLE 7.1 - ABSOLUTE MAXIMUM RATINGS (VOLTAGE REFERENCED TO GND).......... 81
TABLE 7.2 - DC CHARACTERISTICS (DIGITAL PINS): 3.3 V LOGIC CORE OR PADS........ 81
TABLE 7.3 - DC CHARACTERISTICS (DIGITAL PINS): 5.0 V PADS .................................. 82
TABLE 7.4 - DC CHARACTERISTICS (D+/D-).................................................................. 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com