Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 60 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 60 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 56Page - GENESYS LOGIC GL843 Datasheet HTML 57Page - GENESYS LOGIC GL843 Datasheet HTML 58Page - GENESYS LOGIC GL843 Datasheet HTML 59Page - GENESYS LOGIC GL843 Datasheet HTML 60Page - GENESYS LOGIC GL843 Datasheet HTML 61Page - GENESYS LOGIC GL843 Datasheet HTML 62Page - GENESYS LOGIC GL843 Datasheet HTML 63Page - GENESYS LOGIC GL843 Datasheet HTML 64Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 60
Offset 99h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
ONDUR7
ONDUR6
ONDUR5
ONDUR4
ONDUR3
ONDUR2
ONDUR1
ONDUR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 ONDUR[7:0]
On duration (in system clock) of PWM for LAMP control.
Offset 9Ah ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
OFFDUR15 OFFDUR14 OFFDUR13 OFFDUR12 OFFDUR11 OFFDUR10 OFFDUR9
OFFDUR8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 OFFDUR[15:8] Off duration (in system clock) of PWM for LAMP control.
Offset 9Bh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
OFFDUR7
OFFDUR6
OFFDUR5
OFFDUR4
OFFDUR3
OFFDUR2
OFFDUR1
OFFDUR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 OFFDUR[7:0]
Off duration (in system clock) of PWM for LAMP control.
Offset 9Ch
LCMWD7
LCMWD6
LCMWD5
LCMWD4
LCMWD3
LCMWD2
LCMWD1
LCMWD0
-
-
-
-
-
-
-
-
7-0 LCMWD[7:0]
This port is for designers to write data to LCM.
Offset 9Dh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
RAMDLY1 RAMDLY0 MOTLAG
CMODE
STEPTIM1 STEPTIM0 MULDMYLN
IFRS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-6 RAMDLY[1:0] Select timing delay for SCLK of SDRAM.
5 MOTLAG
0
Do not force the trigger position of motor trigger.
1
Force motor to locate its trigger at the end of line when dummy lines function
is activated.
4 CMODE
0
Select two-pin type control for COM1 & COM2 of LCD (GPO29&30).
1
Select three-pin type control for COM1 & COM2 of LCD (GPIO10,
GPO29&30).
3-2 STEPTIM[1:0] Select the multiplier of slope table. For Reg 21, 24, 5F, 69, 6A, the real slope
steps are register values multiplied by STEPTIM.
STEPTIM[1:0]
=00 : Slope steps = register values
=01 : Slope steps = register values * 2
=10 : Slope steps = register values * 4
=11 : Reserved
1 MULDMYLN
0
Set dummy lines are equal to LINESEL.
1
Set dummy lines are equal to LINESEL*2
0 IFRS
0
Select data writing for LCM.
1
Select address writing for LCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com