Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 44 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 44 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 40Page - GENESYS LOGIC GL843 Datasheet HTML 41Page - GENESYS LOGIC GL843 Datasheet HTML 42Page - GENESYS LOGIC GL843 Datasheet HTML 43Page - GENESYS LOGIC GL843 Datasheet HTML 44Page - GENESYS LOGIC GL843 Datasheet HTML 45Page - GENESYS LOGIC GL843 Datasheet HTML 46Page - GENESYS LOGIC GL843 Datasheet HTML 47Page - GENESYS LOGIC GL843 Datasheet HTML 48Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 44
Offset 55h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
GLOW4
GLOW3
GLOW2
GLOW1
GLOW0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 GLOW[4:0]
The latch point for low-byte of G channel of AFE in every pixel.
Offset 56h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
BHI4
BHI3
BHI2
BHI1
BHI0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 BHI[4:0]
The latch point for high-byte of B channel of AFE in every pixel.
Offset 57h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
X
X
X
BLOW4
BLOW3
BLOW2
BLOW1
BLOW0
X
X
X
R/W
R/W
R/W
R/W
R/W
7-5 RESERVED
-
4-0 BLOW[4:0]
The latch point for low-byte of B channel of AFE in every pixel.
(1). Color, gray or line-art : 12 clocks (phase)/pixel mode
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
R[15:8]
R[7:0] G[15:8]
G[7:0] B[15:8]
B[7:0]
R[15:8] R[7:0]
G[15:8] G[7:0]
B[15:8]
RHI = 01H
RLOW
= 03H
GHI = 05H
GLOW
= 07H
BHI = 09H
BLOW
= 11H
Note: 16 clocks (phase)/pixel and 18 clocks(phase)/pixel modes are similar to 12
clocks(phase)/pixel mode.
Offset 58h ……..……..…………………..………..….………..….…..…..…..…. Default value = 8’h00
VSMP4
VSMP3
VSMP2
VSMP1
VSMP0
VSMPW2
VSMPW1
VSMPW0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-3 VSMP[4:0]
Rising edge position of image sampling for AFE.
2-0 VSMPW[2:0]
Pulse width of image sampling.
(1). Color, gray or line-art : 12 clocks (phase)/pixel mode
5
6
7
8
9
10
11
0
1
2
3
4
5
6
7
8
9
10
11
0
1
2
3
4
AFE
VSMP
Reg58=52H : VSMP[4:0]=10H
VSMPW[2:0]=2H
Note: 16 clocks (phase)/pixel and 18 clocks(phase)/pixel modes are similar to 12
clocks(phase)/pixel mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com