Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 64 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 64 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 60Page - GENESYS LOGIC GL843 Datasheet HTML 61Page - GENESYS LOGIC GL843 Datasheet HTML 62Page - GENESYS LOGIC GL843 Datasheet HTML 63Page - GENESYS LOGIC GL843 Datasheet HTML 64Page - GENESYS LOGIC GL843 Datasheet HTML 65Page - GENESYS LOGIC GL843 Datasheet HTML 66Page - GENESYS LOGIC GL843 Datasheet HTML 67Page - GENESYS LOGIC GL843 Datasheet HTML 68Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 64
Offset AFh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
SCANTYP2 SCANTYP1 SCANTYP0
FEDTYP1
FEDTYP0
ADFMOVE2
ADFMOVE1
ADFMOVE0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-5
SCANTYP[2:0]
Set scanning types under ADF working.
4-3
FEDTYP [4:3]
Set feeding types for ADF fast moving.
2-0
ADFMOVE [2:0] Set document-in moving types for ADF.
4.3 Register Mapping
4.3.1 Shading Mapping (Chunky for Single Bank)
Table 4.2 - Shading Mapping (Chunky for Single Bank)
Attribute
Resolution
Address[24:0]
600dpi
(DPIHW=00)
0000000H~00083FFH
SIZE : 33k
1200dpi
(DPIHW=01)
0000000H~00107FFH
SIZE : 66k
2400dpi
(DPIHW=10)
0000000H~0020FFFH
SIZE : 132k
Shading Mapping
4800dpi
(DPIHW=11)
0000000H~0041FFFH
SIZE : 264k
4.3.2 Shading Mapping (Chunky for Double Bank)
Table 4.3 - Shading Mapping (Chunky for Double Bank)
Attribute
Resolution
Address[24:0]
BABK0
0000000H~00041FFH
SIZE : 16.5K
600dpi
(DPIHW=00)
BANK1
0004200H~00083FFH
SIZE : 16.5K
BANK0
0000000H~00083FFH
SIZE : 33K
1200dpi
(DPIHW=01)
BANK1
0008400H~00107FFH
SIZE : 33K
BANK0
0000000H~00107FFH
SIZE : 66K
2400dpi
(DPIHW=10)
BANK1
0010800H~0020FFFH
SIZE : 66K
BANK0
0000000H~0020FFFH
SIZE : 132K
Shading Mapping
4800dpi
(DPIHW=11)
BANK1
0021000H~0041FFFH
SIZE : 132K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com