Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 15 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 15 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 11Page - GENESYS LOGIC GL843 Datasheet HTML 12Page - GENESYS LOGIC GL843 Datasheet HTML 13Page - GENESYS LOGIC GL843 Datasheet HTML 14Page - GENESYS LOGIC GL843 Datasheet HTML 15Page - GENESYS LOGIC GL843 Datasheet HTML 16Page - GENESYS LOGIC GL843 Datasheet HTML 17Page - GENESYS LOGIC GL843 Datasheet HTML 18Page - GENESYS LOGIC GL843 Datasheet HTML 19Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 15
CCD_TGG
O
CCD Transfer gate clock for G channel
CCD_TGB
O
CCD Transfer gate clock for B channel
LAMP_SW
O
Flatbed lamp power control or CIS Red LED array control
XPA_SW
O
Transparency lamp power control or CIS Green LED array control
LED_B
O
CIS Blue LED array control
Pin Name
Type
Description
OP7~0
I
AFE digital data input
SEN
O
Serial interface load pulse
SCLK
O
Serial interface clock output
SDI
O
Serial data output
SDO
I
Serial data input
BSMP
O
Video sample synchronization pulse
VSMP/CDSCLK2
O
Video sample synchronization pulse
MCLK/ADCCLK
O
Master clock.
Pin Name
Type
Description
DBUS15~0
I/O
DRAM data bus
ABUS12~0
O
DRAM address bus
RASJ
SDRAM row address strobe
CASJ
O
SDRAM column address strobe
WEJ
O
SDRAM write enable
BANK0~1
O
SDRAM bank select
CKE
O
SDRAM clock enable
RAMCLK
O
SDRAM clock
Pin Name
Type
Description
X1
I
Clock input for crystal (12MHz)
X2
I/O
Clock output for crystal
EXTRST_
I
Hardware reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com