Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 12 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 12 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 8Page - GENESYS LOGIC GL843 Datasheet HTML 9Page - GENESYS LOGIC GL843 Datasheet HTML 10Page - GENESYS LOGIC GL843 Datasheet HTML 11Page - GENESYS LOGIC GL843 Datasheet HTML 12Page - GENESYS LOGIC GL843 Datasheet HTML 13Page - GENESYS LOGIC GL843 Datasheet HTML 14Page - GENESYS LOGIC GL843 Datasheet HTML 15Page - GENESYS LOGIC GL843 Datasheet HTML 16Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 12
Table 3.2 – 208 Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1
33 GndCore1
P
65 FSHA0
O
97 GPIO25
I/O
2
34 ABUS12
O
66 FSHA1
O
98 CCD_CPX
O
3
NC
35 ABUS11
O
67 ADF_SENR
I/O
99 GPIO24
I/O
4
NC
36 ABUS10
O
68 FSHA2
O
100 CCD_CK3X
O
5
NC
37 ABUS9
O
69 FSHA3
O
101 GPIO23
I/O
6
NC
38 ABUS8
O
70 HOME
I
102 NC
7
NC
39 ABUS7
O
71 FSHA4
O
103 NC
8
AVCC1
P
40 ABUS6
O
72 FSHA5
O
104 NC
9
X2
O
41 VccIO2
P
73 LED_B
O
105 NC
10 X1
I
42 GndIO2
P
74 FSHA6
O
106 NC
11 AGND1
P
43 ABUS5
O
75 FSHA7
O
107 NC
12 DVCC1
P
44 ABUS4
O
76 XPA_SW
O
108 NC
13 DGND1
P
45 ABUS3
O
77 FSHA8
O
109 NC
14 DBUS15
I/O
46 NC
78 VccCore2
P
110 CCD_TGX
O
15 DBUS14
I/O
47 NC
79 GndCore2
P
111 CCD_CK1X
O
16 DBUS13
I/O
48 NC
80 FSHA9
O
112 MCLK
O
17 DBUS12
I/O
49 NC
81 LAMP_SW
O
113 VSMP
O
18 DBUS11
I/O
50 NC
82 FSHA10
O
114 BSMP
O
19 DBUS10
I/O
51 NC
83 FSHA11
O
115 SEN
O
20 DBUS9
I/O
52 NC
84 CCD_TGB
O
116 SCLK
O
21 DBUS8
I/O
53 NC
85 FSHA12
O
117 SDI
O
22 VccIO1
P
54 NC
86 FSHA13
O
118 SDO
I
23 GndIO1
P
55 ABUS2
O
87 CCD_TGG
O
119 VccIO4
P
24 DBUS7
I/O
56 ABUS1
O
88 VccIO3
P
120 GndIO4
P
25 DBU6
I/O
57 ABUS0
O
89 GndIO3
P
121 OP7
I
26 DBUS5
I/O
58 RASJ
O
90 FSHA14
O
122 OP6
I
27 DBUS4
I/O
59 CASJ
O
91 CCD_CK4X
O
123 OP5
I
28 DBUS3
I/O
60 WEJ
O
92 FSH_OEB
O
124 OP4
I
29 DBUS2
I/O
61 BANK1
O
93 FSH_WEB
O
125 OP3
I
30 DBUS1
I/O
62 BANK0
O
94 CCD_CK2X
O
126 OP2
I
31 DBUS0
I/O
63 CKE
O
95 GPIO26
I/O 127 OP1
I
32 VccCore1
P
64 RAMCLK
O
96 CCD_RSX
O
128 OP0
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com