Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 48 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 48 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 44Page - GENESYS LOGIC GL843 Datasheet HTML 45Page - GENESYS LOGIC GL843 Datasheet HTML 46Page - GENESYS LOGIC GL843 Datasheet HTML 47Page - GENESYS LOGIC GL843 Datasheet HTML 48Page - GENESYS LOGIC GL843 Datasheet HTML 49Page - GENESYS LOGIC GL843 Datasheet HTML 50Page - GENESYS LOGIC GL843 Datasheet HTML 51Page - GENESYS LOGIC GL843 Datasheet HTML 52Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 48
(1). Two table moving :
speed
Scanning position
buffer full position
b
d
a
c
time
(2). One table moving :
speed
Scanning position
buffer full position
b
d
a
c
time
{a+(b-1)} mode LPERIOD = Z2MOD
{c+(d-1)} mode LPERIOD = Z1MOD
For example, c (STEPNO = 4 steps for table 1)
= 60H,48H,30H,18H
d (FWDSTEP = 3 steps for moving)
= 18H,18H,18H
LPERIOD = 30H
Then Z1MOD = {(60H + 48H + 30H + 18H) + (18H +18H )} MOD {30H} = 00H
Note: If MCNTSET[1:0]=01 or 10 or 11,then (each step curve value + 1)/VCNT.
VCNT= system clocks per pixel / (MCNTSET+1).
Offset 66h ……..………………..………..………..….………..….…..…..…..…. Default value = 8’h00
PHFREQ7
PHFREQ6
PHFREQ5
PHFREQ4
PHFREQ3
PHFREQ2
PHFREQ1
PHFREQ0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 PHFREQ[7:0]
PWM frequency for motor phase of unipolar motors
Frequency: (system clock frequency)/[(PHFREQ+1)*4
Offset 67h ……..……..………………..………..….………..….…..………..…. Default value = 8’h7F
STEPSEL1 STEPSEL0 MTRPWM5 MTRPWM4 MTRPWM3 MTRPWM2 MTRPWM1 MTRPWM0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com