Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 27 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 27 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 23Page - GENESYS LOGIC GL843 Datasheet HTML 24Page - GENESYS LOGIC GL843 Datasheet HTML 25Page - GENESYS LOGIC GL843 Datasheet HTML 26Page - GENESYS LOGIC GL843 Datasheet HTML 27Page - GENESYS LOGIC GL843 Datasheet HTML 28Page - GENESYS LOGIC GL843 Datasheet HTML 29Page - GENESYS LOGIC GL843 Datasheet HTML 30Page - GENESYS LOGIC GL843 Datasheet HTML 31Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 27
6 DOCCMD
To control document when scanner is working on ADF.
5 CCDCMD
To control CCD when abnormal status happens.
4
FULLSTP
To reset steps type to full step.
3 SEND
To send the RS232 data.
2 CLRMCNT
To clear FEDCNT(Reg48,Reg49,Reg4A) counter information.
1 CLRDOCJM
0
Don’t clear document jam message for ADF module.
1
To clear document jam message for ADF module.
0 CLRLNCNT
0
Don’t clear SCANCNT.
1
To clear SCANCNT (Reg4B,Reg4C,Reg4D).
Note: 1.For each scanning, designers must clear SCANCNT before starting process.
2.Other bits in this register are not defined.
Offset 0Eh
SCANRESET
W
Command: Scanner software reset.
It can initiate AISC system including lamp and motor, control registers, internal circuit;
but n ot in cluding tables in DRAM, like gamma table, sh adin g table an d
acceleration/deceleration table.
Note: In normal condition, it is unnecessary to reset scanner unless the scanner is out of control.
Offset 0Fh
MOVE
W
Command: Motor moving.
Start motor forward/backward moving.
Offset 10h …………………………………………..…………..……..…………. Default value = 8’h00
EXPR15
EXPR14
EXPR13
EXPR12
EXPR11
EXPR10
EXPR9
EXPR8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPR[15:8]
Exposure time setting (in pixel time) for Red-LED of CIS or Red channel of CCD.
Note: It cannot be programmed to logic zero.
Offset 11h …………………………………………..…………..……..…………. Default value = 8’h00
EXPR7
EXPR6
EXPR5
EXPR4
EXPR3
EXPR2
EXPR1
EXPR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPR[7:0]
Exposure time setting (in pixel time) for Red-LED of CIS or Red channel of CCD.
Note: It cannot be programmed to logic zero.
Offset 12h …………………………………………..…………..……..…………. Default value = 8’h00
EXPG15
EXPG14
EXPG13
EXPG12
EXPG11
EXPG10
EXPG9
EXPG8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com