Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 76 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 76 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 72Page - GENESYS LOGIC GL843 Datasheet HTML 73Page - GENESYS LOGIC GL843 Datasheet HTML 74Page - GENESYS LOGIC GL843 Datasheet HTML 75Page - GENESYS LOGIC GL843 Datasheet HTML 76Page - GENESYS LOGIC GL843 Datasheet HTML 77Page - GENESYS LOGIC GL843 Datasheet HTML 78Page - GENESYS LOGIC GL843 Datasheet HTML 79Page - GENESYS LOGIC GL843 Datasheet HTML 80Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 76
MTR_PH 0~7 for bipolar motors
MTR_PH 0~3 for unipolar motors
A. Bipolar motors:
a. Supports 2916 motor driver timing and 2916 compatible driver IC, such as L6219.
Include full, half and quarter steps control.
b. Supports 3955 motor driver timing.
Include full, half, quarter and eighth steps control.
c. Supports 3967 motor driver timing.
Include full, half, quarter and eighth steps control.
d. Supports LB1939, 1940 motor driver timing.
Include full and half steps control
B. Unipolar motors:
a. Supports 2003 motor driver timing and 2003 compatible driver IC.
b. Include full step two phases on, full step single phase on and half step.
c. PWM control, include frequency and duty controls.
PWM
Duty
Frequency
Phase on time
22 Watchdog Protection
This function can automatically reset the system to initial state when the system is hanged (no access signal)
beyond the time limit. It can be enabled or disabled by S/W.
This function can protect motor power, lamp power and ASIC system.
Calculation formula: (30sec.) * (times setting) * (setting number.).
The range of setting number is from 1 to 15; the range of times setting is 0 or 1.
23 Lamp Time-out Control
This circuitry can automatically turn off the lamp power when this function is enabled. It can be enabled or
disabled by S/W.
Calculation formula: (60sec.) * (times setting) * (setting number).
The range of setting number is from 1 to 7;the range of times setting is 0 to 3.
24 Lamp Power Control
These are two power control ports for lamp. One is for Flatbed and the other is for XPA (Transparency or film).
These control ports have PWM function. According to the system clock, designers can flexibly adjust their
frequency and duty by S/W. And the resolution of PWM is 16 bits.
25 Sensors
The system supports home sensor for flatbed; ADF sensor, document sensor and cover sensor for ADF module.
26 GPIO Ports
Designers can separately assign input or output direction for each GPIO pin of GPIO1~20 and GPIO27. Some
GPIO can be designed for keypads, document sensor of sheetfed or motor power control…etc.
Designers can assign GPIO27 as general-purpose input/output port or as ADF sensor input.
Note : There are two pins for special function. One is GPIO12 and the other is GPIO11.
GPIO12: 1. Pull up by resistor to indicate ASIC to turn on lamp power in power-on initial state.
2. Pull down by resistor to indicate ASIC to turn off lamp power in power-on initial state..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com