Electronic Components Datasheet Search
  English  ▼

X  

GL843 Datasheet(PDF) 20 Page - GENESYS LOGIC

Part # GL843
Description  High Speed USB 2.0 With ADF 2-in-1 Scanner Controller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL843 Datasheet(HTML) 20 Page - GENESYS LOGIC

Back Button GL843 Datasheet HTML 16Page - GENESYS LOGIC GL843 Datasheet HTML 17Page - GENESYS LOGIC GL843 Datasheet HTML 18Page - GENESYS LOGIC GL843 Datasheet HTML 19Page - GENESYS LOGIC GL843 Datasheet HTML 20Page - GENESYS LOGIC GL843 Datasheet HTML 21Page - GENESYS LOGIC GL843 Datasheet HTML 22Page - GENESYS LOGIC GL843 Datasheet HTML 23Page - GENESYS LOGIC GL843 Datasheet HTML 24Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
GL843 High Speed USB2.0 With ADF 2-in-1 Scanner Controller For 3x
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 20
84h
PACK[1:0]
PACKCNT[5:0]
8’h00
87h
X
YENB
YBIT
ACYCNRLC ENOFFSET
LEDADD CK4ADC AUTOCONF 8’h00
88h
X
X
X
RDNUM[4:0]
8’h00
89h
RS232WD[7:0]
-
8Ah
RS232RD[7:0]
-
8Bh
ROMADDR[7:0]
8’h00
8Ch
ROMWD[15:8]
-
8Dh
ROMWD[7:0]
-
8Eh
ROMRD[15:8]
-
8Fh
ROMRD[7:0]
-
90h
PREFED[15:8]
8’h00
91h
PREFED[7:0]
8’h00
92h
PSTFED[15:8]
8’h00
93h
PSTFED[7:0]
8’h00
94h
MTRPLS[7:0]
8’h00
95h
X
X
X
X
SCANLEN[19:16]
8’h00
96h
SCANLEN[15:8]
8’h00
97h
SCANLEN[7:0]
8’h00
98h
ONDUR[15:8]
8’h00
99h
ONDUR[7:0]
8’h00
9Ah
OFFDUR[15:8]
8’h00
9Bh
OFFDUR[7:0]
8’h00
9Ch
LCMWD[7:0]
-
9Dh
RAMDLY[1:0]
MOTLAG CMODE
STEPTIM[1:0]
MULDMYLN
IFRS
8’h00
9Eh
X
SEL3INV
TGSTIME[2:0]
TGWTIME[2:0]
8’h00
9Fh
LCDCTL
LCMCTL EPROMCTL
TGCTL
MPUCTL
MOTMPU
NEC8884 DPI9600
X
A0h
X
X
LNOFSET[5:0]
X
A1h
X
X
X
STGSET[4:0]
X
A2h
X
X
X
RFHSET[4:0]
8’h00
A3h
TRUER[7:0]
-
A4h
TRUEG[7:0]
-
A5h
TRUEB[7:0]
8’h00
A6h
GPIO24
GPIO23
GPIO22
GPIO21
GPIO20
GPIO19
GPIO18
GPIO17
8’h00
A7h
GPOE24 GPOE23
GPOE22
GPOE21
GPOE20
GPOE19
GPOE18
GPOE17
8’h00
A8h
X
X
GPOE27
GPOE26
GPOE25
GPO27
GPO26
GPO25
8’h00
A9h
X
X
GPO33
GPO32
GPO31
GPO30
GPO29
GPO28
8’h00
ABh
GPOM9
MULSTOP[2:0]
NODECEL
TB3TB1
TB5TB2 FIX16CLK 8’h00
ACh VRHOME3 VRHOME2 VRMOME3 VRMOME2 VRBACK3
VRBACK2
VRSCAN3
VRSCAN2
8’h00
ADh
X
X
ADFTYP[1:0]
CCDTYP[3:0]
AEh
X
X
MOTSET[2:0]
PROCESS[2:0]
AFh
SCANTYP[2:0]
FEDTYP[1:0]
ADFMOVE[2:0]
Notation:
R/W
Read / Write
R/O
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com