Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 135 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 135 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 131Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 132Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 133Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 134Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 135Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 136Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 137Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 138Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 139Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 225 page
background image
Chapter 7 CAN Module (TXCAN)
Preliminary
7-14
Global Acceptance Mask (GAM)
Bit
31302928
0
Name
GAMI
GAM
Bit
Name
Function
Reset
Value
Mode
31
GAMI
0 = The identifier extension bit stored in the mailbox determines
which messages shall be received.
1 = Don’t care, standard and extended frames can be received. In
case of an extended frame all 29 bits of the identifier stored in
the mailbox and all 29 bits of the global acceptance mask
register will be used for the filter. In case of a standard frame,
only the first eleven bits (bit 28 to 18) of the identifier and the
global acceptance mask will be used.
0
R/W
30:29
Wired to zero
0R
28:0
GAM
For each incoming message, the global acceptance mask will be
used if the bit GAME is set. A received message will only be stored
in the first mailbox with a matching identifier.
0
R/W
The global acceptance mask will only be used for the mailboxes 0 to 14. After power-up, all bits are
cleared.
Master Control Register (MCR)
Bit
1514
131211
10
9
8
Name


SUR
INTLB
TSTLB
TSTERR
Bit
7
6
543
210
Name
CCR
SMR
TSBTEST
WUBA
MTOS
TSCC
SRES
Bit
Name
Function
Reset
Value
Mode
15:12
Wired to zero
0R
11
SUR
Suspend Mode Request
0 = Normal operation requested
1 = Suspend mode is requested
0
R/W
10
INTLB
Internal Loop Back Enable
0 = Internal loop back is disabled in test mode
1 = Internal loop back is enabled in test mode
0
R/W
9
TSTLB
Test Loop back
0 = Normal operation requested
1 = Test loop back mode is requested.
This mode supports stand-alone operation.
0
R/W
8
TSTERR
Test Error
0 = Normal operation requested
1 = Test error mode is requested. In this mode, it is
possible to write the error counters (CEC).
0
R/W
7
CCR
Change Configuration Request.
0 = Normal operation requested
1 = Write access to the configuration registers (BCR1 and BCR2)
requested.
1
R/W
6
SMR
Sleep Mode Request
0 = The sleep mode is not requested (normal operation).
1 = The sleep mode is requested.
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com