Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 13Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 14Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
Avance Logic Inc.
ALS300
12
Bit 3
MX37.7
Bit 2
MX37.6
Bit 1
MX37.5
Bit 0
MX37.4
Bit 7..4
reserved
Bit 3..0
0 to 15, CD-audio volume left and right in 3 dB step
0
-45 dB (off)
15
0 dB (maximum volume)
MX0A
microphone volume
Ghost register
Write
Bit 7..3
X
Bit 2
MX3A.7
Bit 1
MX3A.6
Bit 0
MX3A.5
Bit 2
MX3A.4
Bit 1
MX3A.3
Read
Bit 7..3
X
Bit 2
MX3A.7
Bit 1
MX3A.6
Bit 0
MX3A.5
Bit 7..3
reserved
Bit 2..0
0 to 7, microphone volume in 6 dB step
0
-42 dB (off)
7
0 dB (maximum volume)
MX0C
digital audio input control
Default 00h
Dummy read/write register
Bit 7,6
reserved
Bit 5
input filter enable
Bit 4
reserved
Bit 3
input filter high/low
Bit 2,1
input source
Bit 0
reserved
Input filter enable and input filter high/low are dummy read/write bits for Sound Blaster Pro
compatibility.
Input filter enable: 0 - input low-pass filter on, 1 - off
Input filter high/low: 0 - low filter (3.2 KHz low pass), 1 - high filter (8.8 KHz low pass)
Input source
Bit 2
Bit 1
0
0
microphone (MX3D & MX3E = 1)
0
1
CD-audio (MX3D = 04h, MX3E = 02h)
1
0
microphone (MX3D & MX3E = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com