Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 15Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 16Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 17Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 18Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 19Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 20Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 21Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 22Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
Avance Logic Inc.
ALS300
19
Bit 7..1
reserved
Bit 0
dummy read/write bit AGC enable
MX44
treble left control (Dummy R/W)
Default 80h
Dummy read/write register
Bit 7..4
dummy read/write bit
Bit 3..0
reserved
MX45
treble right control (Dummy R/W)
Default 80h
Dummy read/write register
Bit 7..4
dummy read/write bit
Bit 3..0
reserved
MX46
bass left control (Dummy R/W)
Default 80h
Dummy read/write register
Bit 7..4
dummy read/write bit
Bit 3..0
reserved
MX47
bass right control (Dummy R/W)
Default 80h
Dummy read/write register
Bit 7..4
dummy read/write bit
Bit 3..0
reserved
MX4C
output mixer control 2 (Dummy R/W)
Default 1Fh
Bit 7~5
Reserved
Bit 4
music left enable
Bit 3
music right enable
Bit 2
digital audio D/A left enable
Bit 1
digital audio D/A right enable
Bit 0
mono input enable
0
mute
1
enable audio into output mixer
Sound Blaster 16 Configuration Register:
MIXER.80
Sound Blaster interrupt setup
Default 00h
Bit 7..5
reserved (read as 1)
Bit 4
IRQ11
Bit 3
IRQ10
Bit 2
IRQ7
Bit 1
IRQ5
Bit 0
IRQ9
0 :
disable interrupt
1 :
enable interrupt
Only 1 bit can be set at any time
Any write to PnP logical device 0 port 70h will set and reset corresponding bit in this register.
Write this register will generate SB-MIXER IRQ except in PnP configuration state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com