Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 45Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 46Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 47Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 48Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 49Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 50Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 51Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 52Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
Avance Logic Inc.
ALS300
49
Bit
Type
Function
7R
INDX status 0 : Ready for AC97 mixer access
1 : AC97 is busy
6R
DIN status 0 : Empty
1 : AC97 mixer data is available
5R
MOUT status 0 : AC97 is ready for Modem-Out transfer
1 : AC97 Modem-Out is busy
4
R
MPU401 IRQ flag 0 : No IRQ 1 : IRQ generated (For D version only)
3R
PCILO/PCIRO FIFO status 0 : empty 1 : non-empty
2R
PCILI/PCIRI FIFO status 0 : empty 1 : non-empty
1R
MICIN FIFO status 0 : empty 1 : non-empty
0R
DRAM FIFO status 0 : empty 1 : non-empty
nAn IO-Write to AC97-ACCESS with bit 31=1 will clear bit 6.
oRead IOBASE+4~7 will clear bit 4 automatically. (For D Version)
IRQ-STATUS
Default : 00h
IOBASE + 07h
Bit
Type
Function
7
R/W
SB/MPU IRQ flag : 0 : Normal 1 : IRQ generated
6
R/W
DRAM IRQ flag : 0 : Normal 1 : IRQ generated
5
R/W
SB-Mixer IRQ flag : 0 : Normal 1 : IRQ generated
4R/W
MICIN IRQ flag : 0 : Normal 1 : IRQ generated
3R/W
PCI-Play IRQ flag : 0 : Normal 1 : IRQ generated
2R/W
PCI-Rec IRQ flag : 0 : normal 1: IRQ generated
1R/W
Modem-In IRQ flag : 0 : Normal 1 : IRQ generated
0R/W
Ring-In IRQ flag : 0 : Normal 1 : IRQ generated
nWrite this register with “1” will clear the corresponding IRQ flag.
Write this register with “0” will keep the corresponding IRQ flag.
oWhen bit 7 is set, TSR should read MX82 to identify the requesting device. Write 1 to this
bit will clear the flag too. TSR should acknowledge the IRQ by access acknowledge port
in “SB logic”. Note that IRQ request from SB core is routed to INTA# directly. Bit 7 is
a flag only
„The MPU401 IRQ status located at different register for different version.
Version
Location
Acknowledge
A
IRQ-STATUS bit 7
Write IRQ-STSTUS with bit 7 as 1
C
IRQ-STATUS bit 7
Write IRQ-STSTUS with bit 7 as 1
D
AC97-STATUS bit 4
Read AC97-STSTUS once
E,F,G
IOBASE+E bit 4
Read IOBASE+C~E
GCR/RAM-DATA
Default : XXXXXXXXh IOBASE + 08-0Bh
Bit
Type
Function
31:0
R/W
GCR/Wave engine RAM data
GCR/RAM-Index
Default : XXh
IOBASE + 0Ch
Bit
Type
Function
7
R/W
GCR/Wave engine select 0 : Wave engine RAM 1 : GCR
6:0
R/W
GCR/Wave engine RAM index
EXT-IRQ-STATUS
Default : 00h
IOBASE + 0Eh
Bit
Type
Function
7:5
Reserved
4R
MPU401 IRQ flag : 0 : Normal 1 : IRQ generated
(implemented for version latter than E)
3:1
Reserved
0R
FFLP (Internal Flip-Flop , implemented for version latter than F)
‚Read IOBASE+0Eh will clear bit 4 automatically
ƒBit 0 will use as low/high byte pointer when driver take IO trapping skill.
ALS300 Global Control Register Array :
Index Port :
GCR/RAM-Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com