Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 58Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 59Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 60Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 61Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 62Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 63Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 64Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 65Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 66Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 64 / 66 page
background image
Avance Logic Inc.
ALS300
64
Appendix C : Register contents of ALS300 Wave Engine
Wave engine RAM index : (Bit 7 = 0)
IOBASE+8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
Channel Number (N)
Register index
N : Channel number of Wave engine
Note : SW should set all RAM to their default value to avoid causing noise.
Register 0
Default Value : 00000000h
Bit
Type
Function
31
Reserved
30:16
R/W
Repeat offset (RO)
15
Reserved
14:0
R/W
2’s complement of samples per instrument (TL)
nRO is the starting point (in sample) in the wave-form of instrument that could repeat.
Register 1
Default Value : 00000000h
Bit
Type
Function
31
R/W
Key on control (KON) 1 : Key on 0 : Key off
30:28
R/W
Frequency Modulation Coefficient (FMC)
27
R/W
8-bit flag (F8) 1 : 8-bit data 0 : 10-bit or 12-bit data
26:24
R/W
Amplitude Modulation Coefficient (AMC)
23:21
R/W
Modulation Tone (MT)
20:0
R/W
Starting address of wave samples (SA)
n FMC/AMC table
FMC/AMC
AM magnitude
FM percent (FN<180h) FM percent (FN
≥180h)
0
0 dB
0 %
0 %
1
1.78 dB
0.8 %
1.6 %
2
2.91 dB
1.2 %
2.0 %
3
3.66 dB
2.0 %
3.1 %
4
4.50 dB
2.7 %
3.9 %
5
5.91 dB
5.9 %
8.6 %
6
7.41 dB
11.7 %
17.2 %
7
11.92 dB
23.4 %
34.4 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com