Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 10Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 11Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 12Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Avance Logic Inc.
ALS300
9
In pass-thru mode,
ENTER_UART 03Fh
Return ack byte (0FEh) in midi-data, generate an interrupt if switch to UART mode successfully.
Reading data port will clear the interrupt signal.
MIDI_RESET
0FFh
Return ack byte (0FEh) in midi-data, generate an interrupt, stay in pass-thru mode.
In UART mode,
MIDI_RESET
0FFh
Flush MIDIIN FIFO, wait until MIDIOUT FIFO/MIDI RAM empty, go to pass-thru mode .
MIDI-DATA
Read/write
Read
Bit 7..0
MIDI data input in UART mode or acknowledge byte
Write
Bit 7..0
MIDI data output in UART mode
ALS300 Mixer Register Definition:
MIXER-INDEX
Read/write
Bit 7
0
mixer
1
control
Bit 6..0
index
MIXER-DATA
Read/write
Bit 7..0
mixer or control data register by mixer-index
MX00-MX7F
mixer data register 00-7F base on mixer-index value
CR00-CR3F
control data register 00-3F base on mixer-index value with bit 7 and 6 = 1.
SBCONFIGn
= MX80-MXBF
Write the following mixer register will generate a SB-Mixer type IRQ to “PCI block” :
MX00, MX02, MX04, MX06, MX08, MX0A, MX0C, MX22
MX24, MX26, MX28, MX2E, MX30, MX31, MX32, MX33
MX34, MX35, MX36, MX37, MX38, MX39, MX3A, MX3B
MX3C,MX3D,MX3E, MX3F, MX40, MX41, MX42, MX4C
MX80, MX81, MXC6,MXC8
Sound Blaster Pro:
MX00
mixer reset
Write only
Any write to this port will reset MX00-MX7F to default value. ESP_RESET() does not affect any of the
mixer register.
MX02
master volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com