Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ALS300 Datasheet HTML 1Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 2Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 3Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 4Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 5Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 6Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
Avance Logic Inc.
ALS300
5
BASEENABLE = P 'N P logical device 0 port 30.0;
ESP-RD-STATUS = ESP-RD-STATUS8 or ESP-RD-STATUS16
Mixer & Control:
BASE+4h
R/W
MIXER-INDEX
BASE+5h
R/W
MIXER-DATA
FM (OPL3 compatible) synthesizer :
BASE+0-3h
R/W
OPL3/4 address:0-3
BASE+8,9h
R/W
OPL3/4 address:0,1
ADLIBBASE+0-3h
R/W
OPL3/4 address:0-3
ADLIBBASE = 0388h (P 'N P logical device 1) ;
ADLIBENABLE = P 'N P logical device 1 port 30.0 (CR20.0);
Gameport :
GAMEBASE+0-7h
R
GAME-READ
GAMEBASE+0-7h
W
GAME-WRITE
GAMEBASE = 0200h (P 'N P logical device 2);
GAMEENABLE = P 'N P logical device 2 port 30.0 (CR21.0);
MPU401 And Wave-table Synthesizer:
MPU401BASE+0h
R
MIDI INPUT FIFO
MPU401BASE+0h
W
MIDI OUTPUT FIFO
MPU401BASE+1h
R
MIDI-STATUS
MPU401BASE+1h
W
MIDI-COMMAND
MPU401BASE+2h
R/W
RAM-CNT
MPU401BASE+3h
R
RAM-DATA
MPU401BASE = P 'N P logical device 3 port 60.1,0 (CR0C) and port 61.7-3 (CR0D);
MPU401ENABLE = P 'N P logical device 3 port 30.0 (CR0A);
CR3.5 = 1: Special MPU-401 or 0: Standard MPU-401
MPU401BASE+2~3h is effective only when CR3.5=1.
MIDIOUT : tri-state with internal pull up resisters when power up reset.
0
external 10K pull down
1
internal 50K pull up
Power up value
CR3.5
power up latch value of MIDIOUT
On power up reset , MIDIOUT will tri-state with 50K internal pull up resistors, after reset, these resistors
will be disconnected from VCC.
Power Management Control Register
BASE+7h
R/W
POWER DOWN REGISTER
BASE+Bh
R/W
POWER MANAGEMENT REGISTER
BASE+Dh
R
ACTIVITY STATUS REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com