Electronic Components Datasheet Search
  English  ▼

X  

ALS300 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # ALS300
Description  Media Audio Controller SPEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ALS300 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button ALS300 Datasheet HTML 47Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 48Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 49Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 50Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 51Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 52Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 53Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 54Page - List of Unclassifed Manufacturers ALS300 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
Avance Logic Inc.
ALS300
51
GCR86 Default XXXXXXXXh
Mic record starting address
Bit
Type
Function
31:2
R/W
Mic-In starting address SA[31..2]
1:0
Reserved
GCR87 Default XXXXXXXXh
Mic record end address
Bit
Type
Function
31:2
R/W
Mic-In end address EA[31..2]
1:0
Reserved
GCR88 Default : 0000XXXXh
Mic record control
Bit
Type
Function
31:22
Reserved
21
R/W
MICIN FIFO threshold control 0 : 4 DW 1 : 2 DW
20:18
Reserved
17
R/W
MICIN FIFO control 0 : Normal 1 : Pause
16
R/W
Mic-In transfer control 0 : Stop 1 : start
15:2
R/W
Mic-In block length BL[15..2]
1:0
R
Reserved, Read as 1
nWhen (no. of byte in Mic-In FIFO) ≥ threshold,ALS300 will generate a request to
bus master for data transfer until Mic-In FIFO is empty. The bus master will transfer
data from ALS300 to system memory if enabled by bit 16.
oBlock length = (# of data byte ) - 1 (ex. 0FFFh→ 4K bytes)
ALS300 will generate an interrupt for every specified block size transfered.
GCR89 Default XXXXXXXXh
DRAM-Write starting address
Bit
Type
Function
31:2
R/W
DRAM-Write starting address SA[31..2]
1:0
Reserved
GCR8A Default XXXXXXXXh
DRAM-Write end address
Bit
Type
Function
31:2
R/W
DRAM-Write end address EA[31..2]
1:0
Reserved
nAfter whole buffer is accessed, GCR8B.16 is cleared.
GCR8B Default : 0010XXXXh
DRAM-Write control
Bit
Type
Function
31:24
Reserved
23:22
R/W
DRAM type select (DTYPE[1..0])
0 0
One 1M X 4
(10 X 10)
0 1
Two 1M X 4
(10 X 10)
1 0
4M X 4
(11 X 11)
1 1
4M X 4
(12 X 10)
21:20
R/W
MUXRA delay select
0 0
6 ns
0 1
10 ns (default)
1 0
14 ns
1 1
18 ns
19:18
Reserved
17
R/W
DRAM access mode 0 : mode 1 1 : mode 2
16
R/W
DRAM-Write transfer control 0 : Stop 1 : start (Effective when bit 17 =1)
15:2
R/W
DRAM-Write block length BL[15..2]
1:0
R
Reserved, Read as 1
n When DRAM-Write FIFO is not full ,ALS300 will generate a request to bus master
for data transfer until DRAM-Write FIFO is full. The bus master will transfer data
from ALS300 to system memory if enabled by bit 16.
oBlock length = (# of data byte ) - 1 (ex. 0FFFh→ 4K bytes)
ALS300 will generate an interrupt for every specified block size transfered.
pSW should detect DRAM type when system is power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com